전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSH343ID 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 TSH343ID
상세설명  280MHz single-supply triple video buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH343ID 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button TSH343ID Datasheet HTML 6Page - STMicroelectronics TSH343ID Datasheet HTML 7Page - STMicroelectronics TSH343ID Datasheet HTML 8Page - STMicroelectronics TSH343ID Datasheet HTML 9Page - STMicroelectronics TSH343ID Datasheet HTML 10Page - STMicroelectronics TSH343ID Datasheet HTML 11Page - STMicroelectronics TSH343ID Datasheet HTML 12Page - STMicroelectronics TSH343ID Datasheet HTML 13Page - STMicroelectronics TSH343ID Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Application information
TSH343
10/17
3
Application information
3.1
Using the TSH343 to drive Y-Pb-Pr video components
Figure 25.
Shapes of video signals coming from DACs
Figure 26.
TSH343 in single supply for any DAC output
1.
See the TSH344 datasheet on st.com for more information. It is possible to drive RGB signals with the
TSH344.
10mV
GND
590ns
(44t)
27ns
(2t)
54ns
(4t)
27ns
(2t)
590ns
(44t)
300mV
300mV
Black (30 IRE)
14.8µs (1100t): 1920*1080i
24.3µs (1800t): 1280*720i
•Fclock=74.25MHz
•t=1/Fclock=13.5ns
Synchronization tip
(0 IRE)
White (100 IRE)
0.030V
0.330V
1.030V
700mV
time
Frequency
Amplitude
30MHz
1Vp-p
Pb,B
video
outputs
LPF
LPF
LPF
Cable
Cable
Cable
+5V
75
Ω
75
Ω
75
Ω
TSH343
SO8
Y,G(+synchro)
DAC
DAC
DAC
Pr,R
G
video
outputs
LPF
LPF
LPF
Cable
Cable
Cable
+5V
75
Ω
75
Ω
75
Ω
TSH344
SO8
R
DAC
DAC
DAC
B
HDTV
Digital synchro



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17