전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM79C940VC/W 데이터시트(PDF) 83 Page - Advanced Micro Devices

부품명 AM79C940VC/W
상세설명  Media Access Controller for Ethernet (MACE??
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940VC/W 데이터시트(HTML) 83 Page - Advanced Micro Devices

Back Button AM79C940VC/W Datasheet HTML 79Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 80Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 81Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 82Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 83Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 84Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 85Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 86Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 87Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 144 page
background image
83
NETWORK INTERFACES
External Address Detection Interface
(EADI)
The External Address Detection Interface can be used
to implement alternative address recognition schemes
outside the MACE device, to complement the physical,
logical and promiscuous detection supported internally.
The address matching, and the support logic neces-
sary to capture and present the relevant data to the ex-
ternal table of address is application specific. Note that
since the entire 802.3 packet after SFD is made avail-
able, recognition is not limited to the destination ad-
dr e s s a nd/ or type f i elds ( E t her net only) .
Inter-networking protocol recognition can be performed
on specific header or LLC information fields.
QH’
74LS595
74LS595
74LS245
74LS245
SER
SRCK
RCK
QH’
QH-A
A8-A1
B8-B1
EADI
Pins
SER
SRCK
RCK
A8-A1
B8-B1
SRD
SRDCLK
SF/BD
Logic
Block
EAM/R
Am99C10
D15-D0
MTCH
CAM
Programming
Interface
Databus
Databus
16235D-13
QH-A
EADI Feature - Simple External CAM Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More