| 전자부품 데이터시트 검색엔진 |
|
TL081ACN 데이터시트(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TL081ACN 데이터시트(HTML) 7 Page - STMicroelectronics |
|
7 / 14 page ![]() TL081 Electrical characteristics 7/14 Figure 9. Input bias current versus free air temperature Figure 10. Large signal differential voltage amplification versus free air temp 100 10 1 0.1 0.01 -50 -25 0 25 50 75 100 125 TEMPERATURE (˚C) V CC = 15V 1000 400 200 100 20 40 10 4 2 1 -75 -50 -25 0 25 50 75 100 125 TEMPERATURE (˚C) R L = 2k Ω V O = 10V V CC = 15V Figure 11. Large signal differential voltage amplification and phase shift versus frequency Figure 12. Total power dissipation versus free air temperature FREQUENCY (Hz) 100 10 100 1K 10K 100K 10M 1M 1 DIFFERENTIAL VOLTAGE AMPLIFICATION (left scale) 180 90 0 R = 2kW C = 100pF V = 15V T = +125°C L L CC amb PHASE SHIFT (right scale) 250 225 200 175 150 125 100 75 50 25 0 -75 -50 -25 0 25 50 75 100 125 TEMPERATURE (˚C) V CC = 15V No signal No load Figure 13. Supply current per amplifier versus free air temperature Figure 14. Supply current per amplifier versus supply voltage 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 -75 -50 -25 0 25 50 75 100 125 TEMPERATURE (˚C) V CC = 15V No signal No load 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 24 6 8 10 12 14 16 No signal No load = +25˚C T amb SUPPLY VOLTAGE ( V) |