전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSV321IYD 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 TSV321IYD
상세설명  General purpose input/output rail-to-rail low power operational amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV321IYD 데이터시트(HTML) 4 Page - STMicroelectronics

  TSV321IYD Datasheet HTML 1Page - STMicroelectronics TSV321IYD Datasheet HTML 2Page - STMicroelectronics TSV321IYD Datasheet HTML 3Page - STMicroelectronics TSV321IYD Datasheet HTML 4Page - STMicroelectronics TSV321IYD Datasheet HTML 5Page - STMicroelectronics TSV321IYD Datasheet HTML 6Page - STMicroelectronics TSV321IYD Datasheet HTML 7Page - STMicroelectronics TSV321IYD Datasheet HTML 8Page - STMicroelectronics TSV321IYD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Absolute maximum ratings and operating conditions
TSV321-TSV358-TSV324
4/19
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
2.5 to 6
V
Vicm
Common mode input voltage range
Top = 25°C, 2.5 ≤ VCC ≤ 6V
Tmin < Top < Tmax, 2.5 ≤ VCC ≤ 5.5V
VDD - 0.2 to VCC + 0.2
VDD to VCC
V
Toper
Operating free air temperature range
-40 to + 125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19