| 전자부품 데이터시트 검색엔진 |
|
BALF-SPI2-02D3 데이터시트(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BALF-SPI2-02D3 데이터시트(HTML) 9 Page - STMicroelectronics |
|
9 / 13 page ![]() 3.2 Stencil opening design Figure 14. Footprint - 3 mils stencil -non solder mask defined Copper pad diameter: 220 µm recommended 180 µm minimum 260 µm maximum Solder mask opening: 320 µm recommended 300 µm minimum 340 µm maximum Solder stencil opening: 220 µm recommended Figure 15. Footprint - 3 mils stencil - solder mask defined Copper pad diameter: 220 µm recommended 180 µm minimum 260 µm maximum Solder mask opening: 320 µm recommended 300 µm minimum Solder stencil opening: 220 µm recommended Figure 16. Footprint - 5 mils stencil -non solder mask defined *depending on paste, it can go down to 270 µm Copper pad diameter: 220 µm recommended 180 µm minimum 260 µm maximum Solder mask opening: 320 µm recommended 300 µm minimum 340 µm maximum Solder stencil opening: 330 µm recommended* Figure 17. Footprint - 5 mils stencil - solder mask defined *depending on paste, it can go down to 270 µm Copper pad diameter: 220 µm recommended 180 µm minimum 260 µm maximum Solder mask opening: 320 µm recommended 300 µm minimum Solder stencil opening: 330 µm recommended* 3.3 Solder paste 1. Halide-free flux qualification ROL0 according to ANSI/J-STD-004. 2. “No clean” solder paste is recommended. 3. Offers a high tack force to resist component movement during high speed. 4. Use solder paste with fine particles: powder particle size 20-38 µm. BALF-SPI2-02D3 Stencil opening design DS12508 - Rev 1 page 9/13 |