전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STSPIN32G0601 데이터시트(PDF) 28 Page - STMicroelectronics

부품명 STSPIN32G0601
상세설명  600 V three-phase BLDC controller with embedded STM32 MCU
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32G0601 데이터시트(HTML) 28 Page - STMicroelectronics

Back Button STSPIN32G0601 Datasheet HTML 22Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 23Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 24Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 25Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 26Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 27Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 28Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 29Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
List of tables
Table 1.
Legend/abbreviations used in the pin description table .......................................... 4
Table 2.
Pin description...................................................................... 5
Table 3.
STSPIN32G0601 MCU-Driver internal connections ............................................ 7
Table 4.
Absolute maximum ratings ............................................................. 8
Table 5.
Recommended operating conditions....................................................... 9
Table 6.
Thermal data....................................................................... 9
Table 7.
Electrical characteristics .............................................................. 10
Table 8.
Inputs truth table (applicable when the device is not in UVLO or SmartSD protection) .................... 15
Table 9.
TIM1 channel configuration ............................................................ 22
Table 10.
QFN package dimensions ............................................................ 24
Table 11.
Order codes ...................................................................... 25
Table 12.
Document revision history ............................................................. 26
STSPIN32G0601
List of tables
DS14489 - Rev 1
page 28/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30