전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ESDM2033 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 ESDM2033
상세설명  packaged Diodes for ESD Protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESDM2033 데이터시트(HTML) 1 Page - ON Semiconductor

  ESDM2033 Datasheet HTML 1Page - ON Semiconductor ESDM2033 Datasheet HTML 2Page - ON Semiconductor ESDM2033 Datasheet HTML 3Page - ON Semiconductor ESDM2033 Datasheet HTML 4Page - ON Semiconductor ESDM2033 Datasheet HTML 5Page - ON Semiconductor ESDM2033 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2019
August, 2020 − Rev. 0
1
Publication Order Number:
ESDM2033/D
ESD Protection Diodes
Micro−packaged Diodes for ESD
Protection
ESDM2033
The ESDM2033 is designed to protect voltage sensitive components
from ESD. Excellent clamping capability, low leakage, and fast
response time provide best in class protection on designs that are
exposed to ESD. Because of its small size, it is suited for use in
smartphone, smart-watch, or many other portable / wearable
applications where board space comes at a premium.
Features
• Low Capacitance (5.5 pF Max, I/O to GND)
• Small Body Outline Dimensions
♦ 0.6 x 0.3 mm
• Protection for the Following IEC Standards:
IEC 61000−4−2 (Level 4)
• Low ESD Clamping Voltage
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Operating Junction Temperature Range
TJ
−55 to +125
°C
Storage Temperature Range
Tstg
−55 to +150
°C
Lead Solder Temperature −
Maximum (10 Seconds)
TL
260
°C
IEC 61000−4−2 Contact (ESD)
IEC 61000−4−2 Air (ESD)
ESD
ESD
±15
±15
kV
kV
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
See Application Note AND8308/D for further description of
survivability specs.
PIN CONFIGURATION
AND SCHEMATIC
www.onsemi.com
12
=
See detailed ordering and shipping information on page 2 of
this data sheet.
ORDERING INFORMATION
X4DFN2
(0201)
CASE 152AX
MARKING
DIAGRAM
P
= Specific Device Code
P


유사한 부품 번호 - ESDM2033

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
ESDM2032 ONSEMI-ESDM2032 Datasheet
310Kb / 8P
ESD Protection Diode
February, 2024 - Rev. 4
More results

유사한 설명 - ESDM2033

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
ESD7C3.3DT5G ONSEMI-ESD7C3.3DT5G Datasheet
85Kb / 4P
Transient Voltage Suppressors Micro-Packaged Diodes for ESD Protection
April, 2008 - Rev. 2
ESD9B5.0ST5G ONSEMI-ESD9B5.0ST5G Datasheet
86Kb / 4P
Transient Voltage Suppressors Micro-Packaged Diodes for ESD Protection
April, 2008 - Rev. 2
ESD8011 ONSEMI-ESD8011 Datasheet
270Kb / 8P
ESD Protection Diodes
September, 2015 ??Rev. 3
ESD8101 ONSEMI-ESD8101 Datasheet
153Kb / 8P
ESD Protection Diodes
August, 2015 ??Rev. 1
ESDM3033 ONSEMI-ESDM3033 Datasheet
212Kb / 7P
ESD Protection Diode Micro?뭁ackaged Diodes for ESD Protection
June, 2020 ??Rev. 1
SESDU1052 ONSEMI-SESDU1052 Datasheet
226Kb / 6P
ESD Protection Diodes Micro?뭦ackaged Diodes for ESD Protection
August, 2021 ??Rev. 0
ESDM1053 ONSEMI-ESDM1053 Datasheet
213Kb / 6P
ESD Protection Diodes Micro?뭦ackaged Diodes for ESD Protection
March, 2022 ??Rev. 0
ESD5101 ONSEMI-ESD5101_V01 Datasheet
277Kb / 9P
ESD Protection Diodes Micro-packaged Diodes for ESD Protection
June, 2018 ??Rev. 6
ESDL2012 ONSEMI-ESDL2012 Datasheet
207Kb / 7P
ESD Protection Diode Micro?뭁ackaged Diodes for ESD Protection
November, 2019 ??Rev.1
ESDM3551 ONSEMI-ESDM3551 Datasheet
303Kb / 9P
5.5 V ESD Protection Diode Micro-Packaged Diodes for ESD Protection
September, 2022 - Rev. 5
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com