전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC7126A 데이터시트(PDF) 21 Page - Microchip Technology

부품명 TC7126A
상세설명  3-1/2 Digit Analog-to-Digital Converters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7126A 데이터시트(HTML) 21 Page - Microchip Technology

Back Button TC7126A Datasheet HTML 17Page - Microchip Technology TC7126A Datasheet HTML 18Page - Microchip Technology TC7126A Datasheet HTML 19Page - Microchip Technology TC7126A Datasheet HTML 20Page - Microchip Technology TC7126A Datasheet HTML 21Page - Microchip Technology TC7126A Datasheet HTML 22Page - Microchip Technology TC7126A Datasheet HTML 23Page - Microchip Technology TC7126A Datasheet HTML 24Page - Microchip Technology TC7126A Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
© 2006 Microchip Technology Inc.
DS21458C-page 21
TC7126/A
9.4
Package Dimensions (Continued)
Dimensions: inches (mm)
.557 (14.15)
.537 (13.65)
.398 (10.10)
.390 (9.90)
.031 (0.80) Typ.
.018 (0.45)
.012 (0.30)
.398 (10.10)
.390 (9.90)
.010 (0.25) Typ.
.096 (2.45) Max.
.557 (14.15)
.537 (13.65)
.083 (2.10)
.075 (1.90)
.041 (1.03)
.026 (0.65)
7° Max.
.009 (0.23)
.005 (0.13)
44-Pin PQFP
Pin 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26