전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM8L052R8T6 데이터시트(PDF) 64 Page - STMicroelectronics

부품명 STM8L052R8T6
상세설명  Value Line, 8-bit ultralow power MCU, 64-KB Flash,256-byte data EEPROM, RTC, LCD, timers, USART, I2C, SPI, ADC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L052R8T6 데이터시트(HTML) 64 Page - STMicroelectronics

Back Button STM8L052R8T6 Datasheet HTML 60Page - STMicroelectronics STM8L052R8T6 Datasheet HTML 61Page - STMicroelectronics STM8L052R8T6 Datasheet HTML 62Page - STMicroelectronics STM8L052R8T6 Datasheet HTML 63Page - STMicroelectronics STM8L052R8T6 Datasheet HTML 64Page - STMicroelectronics STM8L052R8T6 Datasheet HTML 65Page - STMicroelectronics STM8L052R8T6 Datasheet HTML 66Page - STMicroelectronics STM8L052R8T6 Datasheet HTML 67Page - STMicroelectronics STM8L052R8T6 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 109 page
background image
Electrical parameters
STM8L052R8
64/109
Doc ID023337 Rev 2
Figure 8.
Typical IDD(RUN) from RAM vs. VDD (HSI clock source), fCPU =16 MHz
1)
1.
Typical current consumption measured with code executed from RAM.
Figure 9.
Typical IDD(RUN) from Flash vs. VDD (HSI clock source), fCPU = 16 MHz
1)
1.
Typical current consumption measured with code executed from Flash.
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
VDD (V)
25°C
85 °C
MS19109V2
-40 °C
1.5
2
2.5
3
3.5
4
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
VDD (V)
25°C
85°C
-40°C
MS19112V2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com