전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RK816B 데이터시트(PDF) 76 Page - Rockchip Electronics Co., Ltd

부품명 RK816B
상세설명  Rockchip RK816B Datasheet
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROCKCHIP [Rockchip Electronics Co., Ltd]
홈페이지  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd

RK816B 데이터시트(HTML) 76 Page - Rockchip Electronics Co., Ltd

Back Button RK816B Datasheet HTML 70Page - Rockchip Electronics Co., Ltd RK816B Datasheet HTML 71Page - Rockchip Electronics Co., Ltd RK816B Datasheet HTML 72Page - Rockchip Electronics Co., Ltd RK816B Datasheet HTML 73Page - Rockchip Electronics Co., Ltd RK816B Datasheet HTML 74Page - Rockchip Electronics Co., Ltd RK816B Datasheet HTML 75Page - Rockchip Electronics Co., Ltd RK816B Datasheet HTML 76Page - Rockchip Electronics Co., Ltd RK816B Datasheet HTML 77Page - Rockchip Electronics Co., Ltd RK816B Datasheet HTML 78Page - Rockchip Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 76 / 78 page
background image
RK816B Datasheet
Rev 1.4
Copyright ©2019 Fuzhou Rockchip Electronics Co., Ltd.
76
DEFAULT
0
0
0
0
0
0
0
0
Description
Bit 7-0
Full capacity <31:24>
FCC_GASCNT_REG2 (REG[D9]): FULL CAPACITY REGISTER 2
ADDRESS: DAH
TYPE: RO
Bit
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SYMBOL
FCC_GASCNT<23:16>
DEFAULT
0
0
0
0
0
0
0
0
Description
Bit 7-0
Full capacity <23:16>
FCC_GASCNT_REG1 (REG[DB]): FULL CAPACITY REGISTER 1
ADDRESS: DBH
TYPE: RO
Bit
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SYMBOL
FCC_GASCNT<15:8>
DEFAULT
0
0
0
0
0
0
0
0
Description
Bit 7-0
Full capacity <15:8>
FCC_GASCNT_REG0 (REG[DC]): FULL CAPACITY REGISTER 0
ADDRESS: DCH
TYPE: RO
Bit
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SYMBOL
FCC_GASCNT<7:0>
DEFAULT
0
0
0
0
0
0
0
0
Description
Bit 7-0
Full capacity <7:0>
IOFFSET_REGH (REG[DD]): OFFSET CURRENT HIGH BITS REGISTER
ADDRESS: DDH
TYPE: RO
Bit
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SYMBOL
RESV
IOFFSET<11:8>
DEFAULT
0
0
0
0
0
0
0
0
Description
Bit 7-4
Reserved
Bit 3-0
Calculated current offset value bits<11:8>
IOFFSET_REGL (REG[DE]): OFFSET CURRENT LOW BITS REGISTER
ADDRESS: DEH
TYPE: RO
Bit
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com