| 전자부품 데이터시트 검색엔진 |
|
TC911A 데이터시트(PDF) 9 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC911A 데이터시트(HTML) 9 Page - Microchip Technology |
|
9 / 14 page ![]() © 2005 Microchip Technology Inc. DS21481C-page 9 TC911A/TC911B 6.3 Package Dimensions .050 (1.27) TYP. 8 ° MAX. PIN 1 .244 (6.20) .228 (5.79) .157 (3.99) .150 (3.81) .197 (5.00) .189 (4.80) .020 (0.51) .013 (0.33) .010 (0.25) .004 (0.10) .069 (1.75) .053 (1.35) .010 (0.25) .007 (0.18) .050 (1.27) .016 (0.40) 8-Pin SOIC Dimensions: inches (mm) Dimensions: inches (mm) 3 ° MIN. PIN 1 .260 (6.60) .240 (6.10) .045 (1.14) .030 (0.76) .070 (1.78) .040 (1.02) .400 (10.16) .348 (8.84) .200 (5.08) .140 (3.56) .150 (3.81) .115 (2.92) .110 (2.79) .090 (2.29) .022 (0.56) .015 (0.38) .040 (1.02) .020 (0.51) .015 (0.38) .008 (0.20) .310 (7.87) .290 (7.37) .400 (10.16) .310 (7.87) 8-Pin Plastic DIP Dimensions: inches (mm) |