전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC911ACOA 데이터시트(PDF) 5 Page - Microchip Technology

부품명 TC911ACOA
상세설명  Monolithic Auto-Zeroed Operational Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC911ACOA 데이터시트(HTML) 5 Page - Microchip Technology

  TC911ACOA Datasheet HTML 1Page - Microchip Technology TC911ACOA Datasheet HTML 2Page - Microchip Technology TC911ACOA Datasheet HTML 3Page - Microchip Technology TC911ACOA Datasheet HTML 4Page - Microchip Technology TC911ACOA Datasheet HTML 5Page - Microchip Technology TC911ACOA Datasheet HTML 6Page - Microchip Technology TC911ACOA Datasheet HTML 7Page - Microchip Technology TC911ACOA Datasheet HTML 8Page - Microchip Technology TC911ACOA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
© 2005 Microchip Technology Inc.
DS21481C-page 5
TC911A/TC911B
3.3
Avoiding Latchup
Junction isolated CMOS circuits inherently contain a
parasitic p-n-p-n transistor circuit. Voltages exceeding
the supplies by 0.3V should not be applied to the
device pins. Larger voltages can turn the p-n-p-n
device on, causing excessive device power supply cur-
rent and excessive power dissipation. TC911 power
supplies should be established at the same time or
before input signals are applied. If this is not possible,
input current should be limited to 0.1mA to avoid trig-
gering the p-n-p-n structure.
3.4
Overload Recovery
The TC911 recovers quickly from the output saturation.
Typical recovery time from positive output saturation is
20msec. Negative output saturation recovery time is
typically 5msec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com