전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HL6364DG 데이터시트(PDF) 1 Page - Opnext. Inc.

부품명 HL6364DG
상세설명  Low Operating Current Visible Laser Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OPNEXT [Opnext. Inc.]
홈페이지  http://www.opnext.com
Logo OPNEXT - Opnext. Inc.

HL6364DG 데이터시트(HTML) 1 Page - Opnext. Inc.

  HL6364DG Datasheet HTML 1Page - Opnext. Inc. HL6364DG Datasheet HTML 2Page - Opnext. Inc. HL6364DG Datasheet HTML 3Page - Opnext. Inc. HL6364DG Datasheet HTML 4Page - Opnext. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev.2 Oct. 17, 2006 page 1 of 4
HL6364DG/65DG
Low Operating Current Visible Laser Diode
ODE-208-060B (Z)
Rev.2
Oct. 17, 2006
Description
The HL6364DG/65DG are 0.63
µm band AlGaInP laser diodes with a multi-quantum well (MQW) structure. They are
suitable as light sources for laser levelers, laser scanners and optical equipment for measurement.
Features
• Visible light output
: 642 nm Typ
• Single longitudinal mode
• Optical output power : 60 mW CW
• Low operating current : 125 mA Typ
• Low operating voltage : 2.7 V Max
• Operating temperature : +50°C
• TE mode oscillation
LD
PD
1
3
Internal Circuit
• HL6364DG
Internal Circuit
• HL6365DG
Package Type
• HL6364DG/65DG: DG
LD
PD
1
3
2
2
Absolute Maximum Ratings
(TC = 25°C)
Item
Symbol
Ratings
Unit
Optical output power
PO
65
mW
LD reverse voltage
VR(LD)
2
V
PD reverse voltage
VR(PD)
30
V
Operating temperature
Topr
–10 to +50
°C
Storage temperature
Tstg
–40 to +85
°C
Optical and Electrical Characteristics
(TC = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Threshold current
Ith
65
80
mA
Operating current
IOP
125
155
mA
PO = 60 mW
Operating voltage
VOP
2.5
2.7
V
PO = 60 mW
Beam divergence
parallel to the junction
θ//
7
10
13
°
PO = 60 mW
Beam divergence
perpendicular to the junction
θ⊥
16
21
24
°
PO = 60 mW
Lasing wavelength
λp
635
642
645
nm
PO = 60 mW
Monitor current
IS
0.2
0.4
0.8
mA
PO = 60 mW, VR(PD) = 5 V


유사한 부품 번호 - HL6364DG

제조업체부품명데이터시트상세설명
logo
Opnext. Inc.
HL6360MG OPNEXT-HL6360MG Datasheet
94Kb / 4P
Low Operating Current Visible Laser Diode
HL6361MG OPNEXT-HL6361MG Datasheet
94Kb / 4P
Low Operating Current Visible Laser Diode
HL6362MG OPNEXT-HL6362MG Datasheet
102Kb / 5P
Low Operating Current Visible Laser Diode
HL6363MG OPNEXT-HL6363MG Datasheet
102Kb / 5P
Low Operating Current Visible Laser Diode
HL6366DG OPNEXT-HL6366DG Datasheet
93Kb / 4P
Low Operating Current Visible High Power Laser Diode
More results

유사한 설명 - HL6364DG

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
HL6333MG HITACHI-HL6333MG Datasheet
36Kb / 8P
Low Operating Current Visible Laser Diode
HL6325 HITACHI-HL6325 Datasheet
36Kb / 8P
Low Operating Current Visible Laser Diode
HL6331G HITACHI-HL6331G Datasheet
36Kb / 8P
Low Operating Current Visible Laser Diode
logo
Opnext. Inc.
HL6354MG OPNEXT-HL6354MG Datasheet
94Kb / 4P
Low Operating Current Visible Laser Diode
HL6356MG OPNEXT-HL6356MG Datasheet
94Kb / 4P
Low Operating Current Visible Laser Diode
HL6358MG OPNEXT-HL6358MG Datasheet
94Kb / 4P
Low Operating Current Visible Laser Diode
HL6360MG OPNEXT-HL6360MG Datasheet
94Kb / 4P
Low Operating Current Visible Laser Diode
HL6362MG OPNEXT-HL6362MG Datasheet
102Kb / 5P
Low Operating Current Visible Laser Diode
HL6333MG OPNEXT-HL6333MG Datasheet
95Kb / 4P
Low Operating Current Visible Laser Diode
HL6376DG OPNEXT-HL6376DG Datasheet
92Kb / 4P
Low Operating Current Visible Laser Diode
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com