전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

24FC512 데이터시트(PDF) 19 Page - Microchip Technology

부품명 24FC512
상세설명  512K I2C??CMOS Serial EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24FC512 데이터시트(HTML) 19 Page - Microchip Technology

Back Button 24FC512 Datasheet HTML 15Page - Microchip Technology 24FC512 Datasheet HTML 16Page - Microchip Technology 24FC512 Datasheet HTML 17Page - Microchip Technology 24FC512 Datasheet HTML 18Page - Microchip Technology 24FC512 Datasheet HTML 19Page - Microchip Technology 24FC512 Datasheet HTML 20Page - Microchip Technology 24FC512 Datasheet HTML 21Page - Microchip Technology 24FC512 Datasheet HTML 22Page - Microchip Technology 24FC512 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
© 2005 Microchip Technology Inc.
DS21754G-page 19
24AA512/24LC512/24FC512
APPENDIX A:
REVISION HISTORY
Revision D
Correction to Section 1.0, Electrical Characteristics.
Revision E
Correction to Section 1.0., Ambient Temperature
Correction to Section 6.2, Page Write
Revision F
Add E3 (Pb-free) to marking examples.
Updated Marking Legend and On-line Support.
Revision G
Revised Sections 2.1, 2.4 and 6.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26