| 전자부품 데이터시트 검색엔진 |
|
MCP2140T-IP 데이터시트(PDF) 5 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP2140T-IP 데이터시트(HTML) 5 Page - Microchip Technology |
|
5 / 58 page ![]() 2003 Microchip Technology Inc. Preliminary DS21790A-page 5 MCP2140 TABLE 1-2: MCP2140 PIN DESCRIPTION NORMAL OPERATION (DCE) Pin Name Pin Number Pin Type Buffer Type PDIP SOIC SSOP Description RXPDREF 1 1 1 I A IR Receive Photo Detect Diode reference voltage. This voltage will typically be in the range of VDD/2. TXIR 2 2 2 O — Asynchronous transmit to IrDA transceiver. PHACT 3 3 3 OC — Protocol Handler Active. Indicates the state of the MCP2140 Protocol Handler. This output is an open collector, so an external pull-up resistor may be required. 1 = Protocol Handler is in the Discovery or NRM state 0 = Protocol Handler is in NDM state or the MCP2140 is in Low Power mode RESET 4 4 4 I ST Resets the Device VSS 5 5 5, 6 — P Ground reference for logic and I/O pins NC 6 6 7 I — No connect TX 7 7 8 I TTL Asynchronous receive; from Host Controller UART RX 8 8 9 O — Asynchronous transmit; to Host Controller UART RI 9 9 10 I TTL Ring Indicator. The state of this bit is communicated to the IrDA Primary Device. 1 = No Ring Indicate Present 0 = Ring Indicate Present DSR 10 10 11 O — Data Set Ready. Indicates that the MCP2140 has estab- lished a valid IrDA link with a Primary Device(1). This signal is locally emulated and not related to the DTR bit of the IrDA Primary Device. 1 = An IR link has not been established (No IR Link) 0 = An IR link has been established (IR Link) DTR 11 11 12 I TTL Data Terminal Ready. Indicates that the Embedded device connected to the MCP2140 is ready for IR data. The state of this bit is communicated to the IrDA Primary Device via the IrDA DSR bit carried by IrCOMM. 1 = Embedded device not ready 0 = Embedded device ready CTS 12 12 13 O — Clear to Send. Indicates that the MCP2140 is ready to receive data from the Host Controller. This signal is locally emulated and not related to the CTS/RTS bit of the IrDA Primary Device. 1 = Host Controller should not send data 0 = Host Controller may send data Legend: TTL = TTL compatible input ST = Schmitt Trigger input with CMOS levels A = Analog P = Power CMOS = CMOS compatible input OC = Open collector output I = Input O = Output 1: The state of the DTR output pin does not reflect the state of the DTR bit of the IrDA Primary Device. |