전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP23008T-E/ML 데이터시트(PDF) 33 Page - Microchip Technology

부품명 MCP23008T-E/ML
상세설명  8-Bit I/O Expander with Serial Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23008T-E/ML 데이터시트(HTML) 33 Page - Microchip Technology

Back Button MCP23008T-E/ML Datasheet HTML 29Page - Microchip Technology MCP23008T-E/ML Datasheet HTML 30Page - Microchip Technology MCP23008T-E/ML Datasheet HTML 31Page - Microchip Technology MCP23008T-E/ML Datasheet HTML 32Page - Microchip Technology MCP23008T-E/ML Datasheet HTML 33Page - Microchip Technology MCP23008T-E/ML Datasheet HTML 34Page - Microchip Technology MCP23008T-E/ML Datasheet HTML 35Page - Microchip Technology MCP23008T-E/ML Datasheet HTML 36Page - Microchip Technology MCP23008T-E/ML Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
© 2007 Microchip Technology Inc.
DS21919D-page 33
MCP23008/MCP23S08
3.0
PACKAGING INFORMATION
3.1
Package Marking Information
18-Lead PDIP (300 mil)
18-Lead SOIC (300 mil)
20-Lead SSOP
XXXXXXXXXXXX
XXXXXXXXXXXX
XXXXXXXXXXXX
YYWWNNN
XXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXX
YYWWNNN
Example:
Example:
Example:
MCP23008
0634256
MCP23008-E/P^^
0634256
XXXXXXXXXXXX
XXXXXXXXXXXX
YYWWNNN
MCP23S08
XXXXXXXXXXXX
0634256
E/SO^^
E/SS^^
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
3
e
3
e
3
e
20-Lead QFN
Example
XXXXX
XXXXXX
XXXXXX
YWWNNN
23S08
E/ML^^
0637
256
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44