전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP4021 데이터시트(PDF) 52 Page - Microchip Technology

부품명 MCP4021
상세설명  Low-Cost NV Digital POT with WiperLock??Technology
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4021 데이터시트(HTML) 52 Page - Microchip Technology

Back Button MCP4021 Datasheet HTML 48Page - Microchip Technology MCP4021 Datasheet HTML 49Page - Microchip Technology MCP4021 Datasheet HTML 50Page - Microchip Technology MCP4021 Datasheet HTML 51Page - Microchip Technology MCP4021 Datasheet HTML 52Page - Microchip Technology MCP4021 Datasheet HTML 53Page - Microchip Technology MCP4021 Datasheet HTML 54Page - Microchip Technology MCP4021 Datasheet HTML 55Page - Microchip Technology MCP4021 Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 64 page
background image
MCP4021/2/3/4
DS21945E-page 52
© 2006 Microchip Technology Inc.
10.0 PACKAGING INFORMATION
10.1
Package Marking Information
5-Lead SOT-23 (MCP4024)
Example:
XXNN
DP25
Part Number
Code
MCP4024T-202E/OT
DPNN
MCP4024T-502E/OT
DQNN
MCP4024T-103E/OT
DRNN
MCP4024T-503E/OT
DSNN
Note: Applies to 5-Lead SOT-23
6-Lead SOT-23 (MCP4022 / MCP4023)
Example:
XXNN
BA25
Part Number
Code
MCP4022 MCP4023
MCP402xT-202E/CH
BANN
BENN
MCP402xT-502E/CH
BBNN
BFNN
MCP402xT-103E/CH
BCNN
BGNN
MCP402xT-503E/CH
BDNN
BHNN
Note: Applies to 6-Lead SOT-23
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64