| 전자부품 데이터시트 검색엔진 |
|
24LC128-I/P 데이터시트(PDF) 32 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
24LC128-I/P 데이터시트(HTML) 32 Page - Microchip Technology |
|
32 / 42 page ![]() 24AAXX/24LCXX/24FCXX DS21930B-page 32 © 2007 Microchip Technology Inc. 8-Lead Plastic Dual Flat, No Lead Package (MF) – 6x5 mm Body [DFN-S] Notes: 1. Pin 1 visual index feature may vary, but must be located within the hatched area. 2. Package may have one or more exposed tie bars at ends. 3. Package is saw singulated. 4. Dimensioning and tolerancing per ASME Y14.5M. BSC: Basic Dimension. Theoretically exact value shown without tolerances. REF: Reference Dimension, usually without tolerance, for information purposes only. Note: For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging Units MILLIMETERS Dimension Limits MIN NOM MAX Number of Pins N 8 Pitch e 1.27 BSC Overall Height A 0.80 0.85 1.00 Standoff A1 0.00 0.01 0.05 Contact Thickness A3 0.20 REF Overall Length D 5.00 BSC Overall Width E 6.00 BSC Exposed Pad Length D2 3.90 4.00 4.10 Exposed Pad Width E2 2.20 2.30 2.40 Contact Width b 0.35 0.40 0.48 Contact Length L 0.50 0.60 0.75 Contact-to-Exposed Pad K 0.20 – – NOTE 2 A1 A A3 NOTE 1 12 E N D EXPOSED PAD NOTE 1 2 1 E2 L N e b K BOTTOM VIEW TOP VIEW D2 Microchip Technology Drawing C04-122B |