전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP6541R-I/ST 데이터시트(PDF) 29 Page - Microchip Technology

부품명 MCP6541R-I/ST
상세설명  Push-Pull Output Sub-Microamp Comparators
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6541R-I/ST 데이터시트(HTML) 29 Page - Microchip Technology

Back Button MCP6541R-I/ST Datasheet HTML 25Page - Microchip Technology MCP6541R-I/ST Datasheet HTML 26Page - Microchip Technology MCP6541R-I/ST Datasheet HTML 27Page - Microchip Technology MCP6541R-I/ST Datasheet HTML 28Page - Microchip Technology MCP6541R-I/ST Datasheet HTML 29Page - Microchip Technology MCP6541R-I/ST Datasheet HTML 30Page - Microchip Technology MCP6541R-I/ST Datasheet HTML 31Page - Microchip Technology MCP6541R-I/ST Datasheet HTML 32Page - Microchip Technology MCP6541R-I/ST Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
© 2006 Microchip Technology Inc.
DS21696E-page 29
MCP6541/1R/1U/2/3/4
APPENDIX A: REVISION HISTORY
Revision E (September 2006)
The following is the list of modifications:
1.
Added MCP6541U pinout for the SOT-23-5
package.
2.
Clarified Absolute Maximum Analog Input
Voltage and Current Specifications.
3.
Added
applications
writeups
on
unused
comparators.
4.
Added disclaimer to package outline drawings.
Revision D (May 2006)
The following is the list of modifications:
1.
Added E-temp parts.
2.
Changed VHYST temperature specification to
linear and quadratic temperature coefficients.
3.
Changed specifications and plots for E-Temp.
4.
Added Section 3.0 Pin Descriptions
5.
Corrected package marking (See Section 5.1
“Package Marking Information”)
6.
Added Appendix A: Revision History.
Revision C (September 2003)
Revision B (November 2002)
Revision A (March 2002)
• Original Release of this Document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34