전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP2140AT-I/P 데이터시트(PDF) 55 Page - Microchip Technology

부품명 MCP2140AT-I/P
상세설명  IrDA짰 Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2140AT-I/P 데이터시트(HTML) 55 Page - Microchip Technology

Back Button MCP2140AT-I/P Datasheet HTML 51Page - Microchip Technology MCP2140AT-I/P Datasheet HTML 52Page - Microchip Technology MCP2140AT-I/P Datasheet HTML 53Page - Microchip Technology MCP2140AT-I/P Datasheet HTML 54Page - Microchip Technology MCP2140AT-I/P Datasheet HTML 55Page - Microchip Technology MCP2140AT-I/P Datasheet HTML 56Page - Microchip Technology MCP2140AT-I/P Datasheet HTML 57Page - Microchip Technology MCP2140AT-I/P Datasheet HTML 58Page - Microchip Technology MCP2140AT-I/P Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 60 page
background image
© 2007 Microchip Technology Inc.
DS22050A-page 55
MCP2140A
C.1.7
OTHER OPTIONAL IRDA DATA
PROTOCOLS
Other IrDA data protocols have been developed to
specific application requirements. These IrDA data
protocols are briefly described in the following
subsections. For additional information, please refer to
the IrDA web site (www.IrDA.org).
C.1.7.1
IrTran-P
IrTran-P provides the protocol to exchange images with
digital image capture devices/cameras.
C.1.7.2
IrOBEX
IrOBEX provides OBject EXchange services. This is
similar to HTTP.
C.1.7.3
IrLAN
IrLAN describes a protocol to support IR wireless
access to a Local Area Network (LAN).
C.1.7.4
IrMC
IrMC describes how mobile telephony and communica-
tion devices can exchange information. This informa-
tion includes phone book, calender and message data.
Also how call control and real-time voice are handled
(RTCON).
C.1.7.5
IrDA Lite
IrDA Lite describes how to reduce the application code
requirements, while maintaining compatibility with the
full implementation.
Note:
Not supported by MCP2140A.
Note:
Not supported by MCP2140A.
Note:
Not supported by MCP2140A.
Note:
Not supported by MCP2140A.
Note:
Not supported by MCP2140A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60