전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

12C671 데이터시트(PDF) 45 Page - Microchip Technology

부품명 12C671
상세설명  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

12C671 데이터시트(HTML) 45 Page - Microchip Technology

Back Button 12C671 Datasheet HTML 41Page - Microchip Technology 12C671 Datasheet HTML 42Page - Microchip Technology 12C671 Datasheet HTML 43Page - Microchip Technology 12C671 Datasheet HTML 44Page - Microchip Technology 12C671 Datasheet HTML 45Page - Microchip Technology 12C671 Datasheet HTML 46Page - Microchip Technology 12C671 Datasheet HTML 47Page - Microchip Technology 12C671 Datasheet HTML 48Page - Microchip Technology 12C671 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 129 page
background image
© 1999 Microchip Technology Inc.
DS30561B-page 45
PIC12C67X
REGISTER 8-1:
ADCON0 REGISTER (ADDRESS 1Fh)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
ADCS1 ADCS0 reserved
CHS1
CHS0
GO/DONE reserved
ADON
R = Readable bit
W = Writable bit
U = Unimplemented bit,
read as ‘0’
- n = Value at POR reset
bit7
bit0
bit 7-6:
ADCS<1:0>: A/D Conversion Clock Select bits
00
= FOSC/2
01
= FOSC/8
10
= FOSC/32
11
= FRC (clock derived from an RC oscillation)
bit 5:
Reserved
bit 4-3: CHS<1:0>: Analog Channel Select bits
00
= channel 0, (GP0/AN0)
01
= channel 1, (GP1/AN1)
10
= channel 2, (GP2/AN2)
11
= channel 3, (GP4/AN3)
bit 2:
GO/DONE: A/D Conversion Status bit
If ADON = 1
1
= A/D conversion in progress (setting this bit starts the A/D conversion)
0
= A/D conversion not in progress (this bit is automatically cleared by hardware when the A/D conversion
is complete)
bit 1:
Reserved
bit 0:
ADON: A/D on bit
1
= A/D converter module is operating
0
= A/D converter module is shut off and consumes no operating current
8.0
ANALOG-TO-DIGITAL
CONVERTER (A/D) MODULE
The Analog-To-Digital (A/D) converter module has four
analog inputs.
The A/D allows conversion of an analog input signal to
a corresponding 8-bit digital number (refer to Applica-
tion Note AN546 for use of A/D Converter). The output
of the sample and hold is the input into the converter,
which generates the result via successive approxima-
tion. The analog reference voltage is software select-
able to either the device’s positive supply voltage (VDD)
or the voltage level on the GP1/AN1/VREF pin. The A/D
converter has a unique feature of being able to operate
while the device is in SLEEP mode.
The A/D module has three registers. These registers
are:
• A/D Result Register (ADRES)
• A/D Control Register 0 (ADCON0)
• A/D Control Register 1 (ADCON1)
The ADCON0 Register, shown in Figure 8-1, controls
the operation of the A/D module. The ADCON1 Regis-
ter, shown in Figure 8-2, configures the functions of the
port pins. The port pins can be configured as analog
inputs (GP1 can also be a voltage reference) or as dig-
ital I/O.
Note 1: If the port pins are configured as analog
inputs (reset condition), reading the port
(MOVF GPIO,W) results in reading '0's.
2: Changing ADCON1 Register can cause
the GPIF and INTF flags to be set in the
INTCON Register.
These interrupts
should be disabled prior to modifying
ADCON1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com