전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F4331 데이터시트(PDF) 170 Page - Microchip Technology

부품명 PIC18F4331
상세설명  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 데이터시트(HTML) 170 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 166Page - Microchip Technology PIC18F4331 Datasheet HTML 167Page - Microchip Technology PIC18F4331 Datasheet HTML 168Page - Microchip Technology PIC18F4331 Datasheet HTML 169Page - Microchip Technology PIC18F4331 Datasheet HTML 170Page - Microchip Technology PIC18F4331 Datasheet HTML 171Page - Microchip Technology PIC18F4331 Datasheet HTML 172Page - Microchip Technology PIC18F4331 Datasheet HTML 173Page - Microchip Technology PIC18F4331 Datasheet HTML 174Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 400 page
background image
PIC18F2331/2431/4331/4431
DS39616C-page 168
Preliminary
© 2007 Microchip Technology Inc.
16.1.8
SPECIAL EVENT TRIGGER
(CAP1 ONLY)
The
Special
Event
Trigger
mode
of
IC1
(CAP1M3:CAP1M0 = 1110 or 1111) enables the
Special Event Trigger signal. The trigger signal can be
used as the Special Event Trigger Reset input to TMR5,
resetting the timer when the specific event happens on
IC1. The events are summarized in Table 16-2.
TABLE 16-2:
SPECIAL EVENT TRIGGER
16.1.9
OPERATING MODES SUMMARY
Table 16-3 shows a summary of the input capture
configuration when used in conjunction with the TMR5
timer resource.
16.1.10
OTHER OPERATING MODES
Although the IC and QEI submodules are mutually
exclusive, the IC can be reconfigured to work with the
QEI module to perform specific functions. In effect, the
QEI “borrows” hardware from the IC to perform these
operations.
For velocity measurement, the QEI uses dedicated
hardware in channel IC1. The CAP1BUF registers are
remapped, becoming the VELR registers. Its operation
and use are described in Section 16.2.6 “Velocity
Measurement”.
While in QEI mode, the CAP2BUF and CAP3BUF reg-
isters of channel IC2 and IC3 are used for position
determination. They are remapped as the POSCNT
and MAXCNT Buffer registers, respectively.
TABLE 16-3:
INPUT CAPTURE TIME BASE RESET SUMMARY
CAP1M3:
CAP1M0
Description
1110
The trigger occurs on every falling
edge on the CAP1 input.
1111
The trigger occurs on every rising
edge on the CAP1 input.
Pin
CAPxM
Mode
Timer
Reset Timer
on Capture
Description
CAP1 0001-0100 Edge Capture
TMR5
optional(1)
Simple Edge Capture mode (includes a
selectable prescaler).
0101
Period Measurement
TMR5
optional(1)
Captures Timer5 on period boundaries.
0110-0111 Pulse-Width
Measurement
TMR5
always
Captures Timer5 on pulse boundaries.
1000
Input Capture on State
Change
TMR5
optional(1)
Captures Timer5 on state change.
1110-1111 Special Event Trigger
(rising or falling edge)
TMR5
optional(2)
Used as a Special Event Trigger to be
used with the Timer5 or other peripheral
modules.
CAP2 0001-0100 Edge Capture
TMR5
optional(1)
Simple Edge Capture mode (includes a
selectable prescaler).
0101
Period Measurement
TMR5
optional(1)
Captures Timer5 on period boundaries.
0110-0111 Pulse-Width
Measurement
TMR5
always
Captures Timer5 on pulse boundaries.
1000
Input Capture on State
Change
TMR5
optional(1)
Captures Timer5 on state change.
CAP3 0001-0100 Edge Capture
TMR5
optional(1)
Simple Edge Capture mode (includes a
selectable prescaler).
0101
Period Measurement
TMR5
optional(1)
Captures Timer5 on period boundaries.
0110-0111 Pulse-Width
Measurement
TMR5
always
Captures Timer5 on pulse boundaries.
1000
Input Capture on State
Change
TMR5
optional(1)
Captures Timer5 on state change.
Note 1:
Timer5 may be reset on capture events only when CAPxREN = 1.
2:
Trigger mode will not reset Timer5 unless RESEN = 0 in the T5CON register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com