전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F4331 데이터시트(PDF) 172 Page - Microchip Technology

부품명 PIC18F4331
상세설명  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 데이터시트(HTML) 172 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 168Page - Microchip Technology PIC18F4331 Datasheet HTML 169Page - Microchip Technology PIC18F4331 Datasheet HTML 170Page - Microchip Technology PIC18F4331 Datasheet HTML 171Page - Microchip Technology PIC18F4331 Datasheet HTML 172Page - Microchip Technology PIC18F4331 Datasheet HTML 173Page - Microchip Technology PIC18F4331 Datasheet HTML 174Page - Microchip Technology PIC18F4331 Datasheet HTML 175Page - Microchip Technology PIC18F4331 Datasheet HTML 176Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 400 page
background image
PIC18F2331/2431/4331/4431
DS39616C-page 170
Preliminary
© 2007 Microchip Technology Inc.
16.2.1
QEI CONFIGURATION
The QEI module shares its input pins with the Input
Capture (IC) module. The inputs are mutually
exclusive; only the IC module or the QEI module (but
not both) can be enabled at one time. Also, because
the IC and QEI are multiplexed to the same input pins,
the programmable noise filters can be dedicated to one
module only.
The operation of the QEI is controlled by the QEICON
Configuration register (see Register 16-2).
Note:
In the event that both QEI and IC are
enabled, QEI will take precedence and IC
will remain disabled.
REGISTER 16-2:
QEICON: QUADRATURE ENCODER INTERFACE CONTROL REGISTER
R/W-0
R/W-0
R-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
VELM
QERR(1)
UP/DOWN
QEIM2(2,3)
QEIM1(2,3)
QEIM0(2,3)
PDEC1
PDEC0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
VELM: Velocity Mode bit
1 = Velocity mode disabled
0 = Velocity mode enabled
bit 6
QERR: QEI Error bit(1)
1 = Position counter overflow or underflow(4)
0 = No overflow or underflow
bit 5
UP/DOWN: Direction of Rotation Status bit
1 =Forward
0 =Reverse
bit 4-2
QEIM2:QEIM0: QEI Mode bits(2,3)
111 = Unused
110 = QEI enabled in 4x Update mode; position counter reset on period match (POSCNT = MAXCNT)
101 = QEI enabled in 4x Update mode; INDX resets the position counter
100 = Unused
010 = QEI enabled in 2x Update mode; position counter reset on period match (POSCNT = MAXCNT)
001 = QEI enabled in 2x Update mode; INDX resets the position counter
000 = QEI off
bit 1-0
PDEC1:PDEC0: Velocity Pulse Reduction Ratio bits
11 = 1:64
10 = 1:16
01 = 1:4
00 = 1:1
Note 1:
QEI must be enabled and in Index mode.
2:
QEI mode select must be cleared (= 000) to enable CAP1, CAP2 or CAP3 inputs. If QEI and IC modules
are both enabled, QEI will take precedence.
3:
Enabling one of the QEI operating modes remaps the IC Buffer registers, CAP1BUFH, CAP1BUFL,
CAP2BUFH, CAP2BUFL, CAP3BUFH and CAP3BUFL, as the VELRH, VELRL, POSCNTH, POSCNTL,
MAXCNTH and MAXCNTL registers (respectively) for the QEI.
4:
QERR bit must be cleared in software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com