전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP6G01T-E/ST 데이터시트(PDF) 14 Page - Microchip Technology

부품명 MCP6G01T-E/ST
상세설명  110 關A Selectable Gain Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6G01T-E/ST 데이터시트(HTML) 14 Page - Microchip Technology

Back Button MCP6G01T-E/ST Datasheet HTML 10Page - Microchip Technology MCP6G01T-E/ST Datasheet HTML 11Page - Microchip Technology MCP6G01T-E/ST Datasheet HTML 12Page - Microchip Technology MCP6G01T-E/ST Datasheet HTML 13Page - Microchip Technology MCP6G01T-E/ST Datasheet HTML 14Page - Microchip Technology MCP6G01T-E/ST Datasheet HTML 15Page - Microchip Technology MCP6G01T-E/ST Datasheet HTML 16Page - Microchip Technology MCP6G01T-E/ST Datasheet HTML 17Page - Microchip Technology MCP6G01T-E/ST Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
MCP6G01/1R/1U/2/3/4
DS22004B-page 14
© 2006 Microchip Technology Inc.
Note: Unless otherwise indicated, TA =+25°C, VDD = +1.8V to +5.5V, VSS = GND, G = +1 V/V, VIN = (0.3V)/G,
RL =100 kΩ to VDD/2, CL = 60 pF, GSEL = VDD/2, and CS is tied low.
FIGURE 2-31:
Gain vs. Frequency.
FIGURE 2-32:
Small Signal Pulse
Response.
FIGURE 2-33:
THD plus Noise vs.
Frequency, VOUT = 2.8 VP-P.
FIGURE 2-34:
Gain Peaking vs. Capacitive
Load.
FIGURE 2-35:
Large Signal Pulse
Response.
FIGURE 2-36:
THD plus Noise vs.
Frequency, VOUT = 4.0 VP-P.
-40
-30
-20
-10
0
10
20
30
40
1.E+04
1.E+05
1.E+06
1.E+07
Frequency (Hz)
G = +1
100k
1M
10M
10k
G = +50
G = +10
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0.00
5.00
10.00
15.00
20.00
25.00
30.00
35.00
40.00
45.00
50.00
Time (5 µs/div)
0
0
0
1
1
1
1
1
VDD = +5.0V
VOUT
G = +50
G = +10
G = +1
GVIN
0.001
0.01
0.1
1
10
1.E+02
1.E+03
1.E+04
1.E+05
Frequency (Hz)
Measurement BW = 80 kHz
100
1k
100k
10k
G = +10
G = +1
G = +50
VOUT = 2.8VP-P
VDD = 5.0V
0
1
2
3
4
5
6
7
10
100
1000
Capacitive Load (pF)
G = +1
G = +10
G = +50
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.00
5.00
10.00
15.00
20.00
25.00
30.00
35.00
40.00
45.00
50.00
Time (5 µs/div)
VDD = +5.0V
GVI
VOUT
G = +1
G = +10
G = +50
0.001
0.01
0.1
1
10
1.E+02
1.E+03
1.E+04
1.E+05
Frequency (Hz)
VOUT = 4 VP-P
VDD = 5.0V
100
1k
100k
10k
G = +10
G = +1
G = +50
Measurement BW = 80 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com