| 전자부품 데이터시트 검색엔진 |
|
MCP4021-503E/MS 데이터시트(PDF) 33 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4021-503E/MS 데이터시트(HTML) 33 Page - Microchip Technology |
|
33 / 64 page ![]() © 2006 Microchip Technology Inc. DS21945E-page 33 MCP4021/2/3/4 5.2.4 DECREMENT WITH WRITING WIPER SETTING TO EEPROM This mode is achieved by initializing the U/D pin to a low state (VIL) prior to achieving a low state (VIL) on the CS pin. Subsequent rising edges of the U/D pin decrement the wiper setting (toward terminal B). This is shown in Figure 5-4. After the wiper is decremented to the desired position, the U/D pin should remain high (VIH). Then when the CS pin is raised to VIH, the wiper value is written to the EEPROM. Therefore, if the device voltage is lowered below the RAM retention voltage of the device, once the device returns to the operating range, the wiper will be loaded with this wiper setting (stored in the EEPROM). To ensure that “unexpected” transitions on the U/D pin do not cause the wiper setting to decrement, the U/D pin should be driven low (VIL) and the CS pin forced to VIH as soon as possible (within device specifications) after the last desired increment occurs. After the CS pin is driven to VIH (from VIL), all other serial commands are ignored until the EEPROM write cycle (tWC) completes. FIGURE 5-4: Decrement with Writing Wiper Setting to EEPROM. Note: The wiper value will not underflow. That is, once the wiper value equals 0x00, subsequent decrement commands are ignored. EEPROM U/D CS Wiper WiperLock™ Technology WiperLock Technology Enable WiperLock Technology Disable X-1 X X-2 X-3 X-4 X XX X X X-4 1 2 3 4 Note: If WiperLock technology enabled, wiper will not change. VIH VIH 5 6 VIL VIL tWC |