전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

93LC66CT-I/SNG 데이터시트(PDF) 9 Page - Microchip Technology

부품명 93LC66CT-I/SNG
상세설명  4K Microwire Compatible Serial EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LC66CT-I/SNG 데이터시트(HTML) 9 Page - Microchip Technology

Back Button 93LC66CT-I/SNG Datasheet HTML 5Page - Microchip Technology 93LC66CT-I/SNG Datasheet HTML 6Page - Microchip Technology 93LC66CT-I/SNG Datasheet HTML 7Page - Microchip Technology 93LC66CT-I/SNG Datasheet HTML 8Page - Microchip Technology 93LC66CT-I/SNG Datasheet HTML 9Page - Microchip Technology 93LC66CT-I/SNG Datasheet HTML 10Page - Microchip Technology 93LC66CT-I/SNG Datasheet HTML 11Page - Microchip Technology 93LC66CT-I/SNG Datasheet HTML 12Page - Microchip Technology 93LC66CT-I/SNG Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
© 2005 Microchip Technology Inc.
DS21795C-page 9
93AA66A/B/C, 93LC66A/B/C, 93C66A/B/C
2.6
Erase/Write Disable and
Enable(EWDS/EWEN)
The 93XX66A/B/C powers up in the Erase/Write
Disable (EWDS) state. All Programming modes must be
preceded by an Erase/Write Enable (EWEN) instruction.
Once the EWEN instruction is executed, programming
remains enabled until an EWDS instruction is executed
or Vcc is removed from the device.
To protect against accidental data disturbance, the
EWDS
instruction can be used to disable all erase/write
functions and should follow all programming opera-
tions. Execution of a READ instruction is independent of
both the EWEN and EWDS instructions.
FIGURE 2-5:
EWDS TIMING
FIGURE 2-6:
EWEN TIMING
2.7
Read
The READ instruction outputs the serial data of the
addressed memory location on the DO pin. A dummy
zero bit precedes the 8-bit (If ORG pin is low or A-Version
devices) or 16-bit (If ORG pin is high or B-version
devices) output string. The output data bits will toggle on
the rising edge of the CLK and are stable after the
specified time delay (TPD). Sequential read is possible
when CS is held high. The memory data will automati-
cally cycle to the next register and output sequentially.
FIGURE 2-7:
READ TIMING
CS
CLK
DI
10
00
0
x
•••
x
TCSL
1x
CS
CLK
DI
00
1
1
x
TCSL
•••
CS
CLK
DI
DO
11
0
An
•••
A0
High-Z
0
Dx
•••
D0
Dx
•••
D0
•••
Dx
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com