전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLE2144ACN 데이터시트(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
부품명 TLE2144ACN
상세설명  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TLE2144ACN 데이터시트(HTML) 55 Page - Texas Instruments

Back Button TLE2144ACN Datasheet HTML 51Page - Texas Instruments TLE2144ACN Datasheet HTML 52Page - Texas Instruments TLE2144ACN Datasheet HTML 53Page - Texas Instruments TLE2144ACN Datasheet HTML 54Page - Texas Instruments TLE2144ACN Datasheet HTML 55Page - Texas Instruments TLE2144ACN Datasheet HTML 56Page - Texas Instruments TLE2144ACN Datasheet HTML 57Page - Texas Instruments TLE2144ACN Datasheet HTML 58Page - Texas Instruments TLE2144ACN Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 72 page
background image
TLE214x, TLE214xA
EXCALIBUR LOW NOISE HIGHSPEED
PRECISION OPERATIONAL AMPLIFIERS
SLOS183C − FEBRUARY 1997 − REVISED JUNE 2006
55
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 35
2
0
10
4
6
10000
CL − Load Capacitance − pF
8
10
GAIN MARGIN†
vs
LOAD CAPACITANCE
1000
100
12
14
TA = 125°C
TA = 25°C
TA = − 55°C
VCC ± = ±15 V
AVD = 1
RL = 2 kΩ to ∞
VO = − 10 V to 10 V
Figure 36
10
10000
CL − Load Capacitance − pF
PHASE MARGIN†
vs
LOAD CAPACITANCE
1000
100
TA = − 55°C
TA = 125°C
VCC ± = ±15 V
RL = 2 kΩ
70
°
60
°
50
°
40
°
30
°
20
°
10
°
0
°
TA = 25°C
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com