| 전자부품 데이터시트 검색엔진 |
|
TDA8752H/8 데이터시트(PDF) 22 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TDA8752H/8 데이터시트(HTML) 22 Page - NXP Semiconductors |
|
22 / 36 page ![]() 1999 Mar 09 22 Philips Semiconductors Product specification Triple high speed Analog-to-Digital Converter (ADC) TDA8752 LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). HANDLING Inputs and outputs are protected against electrostatic discharges in normal handling. However, to be totally safe, it is desirable to take normal precautions appropriate to handling integrated circuits. THERMAL CHARACTERISTICS SYMBOL PARAMETER CONDITIONS MIN. MAX. UNIT VCCA analog supply voltage −0.3 +7.0 V VCCD digital supply voltage −0.3 +7.0 V VDDD logic input voltage −0.3 +7.0 V VCCO output stages supply voltage −0.3 +7.0 V ∆VCC supply voltage differences VCCA − VCCD −1.0 +1.0 V VCCO − VCCD, VCCO − VDDD −1.0 +1.0 V VCCA − VDDD, VCCD − VDDD −1.0 +1.0 V VCCA − VCCO −1.0 +1.0 V Vi(RGB) RGB input voltage range referenced to AGND −0.3 +7.0 V Io output current − 10 mA Tstg storage temperature −55 +150 °C Tamb operating ambient temperature 0 70 °C Tj junction temperature − 150 °C SYMBOL PARAMETER CONDITIONS VALUE UNIT Rth(j-a) thermal resistance from junction to ambient in free air 52 K/W |