전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NP82P04PLF 데이터시트(PDF) 1 Page - NEC

부품명 NP82P04PLF
상세설명  MOS FIELD EFFECT TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

NP82P04PLF 데이터시트(HTML) 1 Page - NEC

  NP82P04PLF Datasheet HTML 1Page - NEC NP82P04PLF Datasheet HTML 2Page - NEC NP82P04PLF Datasheet HTML 3Page - NEC NP82P04PLF Datasheet HTML 4Page - NEC NP82P04PLF Datasheet HTML 5Page - NEC NP82P04PLF Datasheet HTML 6Page - NEC NP82P04PLF Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
MOS FIELD EFFECT TRANSISTOR
NP82P04PLF
SWITCHING
P-CHANNEL POWER MOSFET
DATA SHEET
Document No. D18718EJ2V0DS00 (2nd edition)
Date Published May 2007 NS CP(K)
Printed in Japan
2007
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
DESCRIPTION
The NP82P04PLF is P-channel MOS Field Effect Transistor designed for high current switching applications.
ORDERING INFORMATION
PART NUMBER
LEAD PLATING
PACKING
PACKAGE
NP82P04PLF-E1-AY
Note
NP82P04PLF-E2-AY
Note
Pure Sn (Tin)
Tape 800 p/reel
TO-263 (MP-25ZP)
Note Pb-free (This product does not contain Pb in external electrode.)
FEATURES
• Super low on-state resistance
RDS(on)1 = 8 m
Ω MAX. (VGS = −10 V, ID = −41 A)
RDS(on)2 = 12 m
Ω MAX. (VGS = −4.5 V, ID = −41 A)
• Low input capacitance
Ciss = 5000 pF TYP.
• Built-in gate protection diode
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
Drain to Source Voltage (VGS = 0 V)
VDSS
−40
V
Gate to Source Voltage (VDS = 0 V)
VGSS
m20
V
Drain Current (DC) (TC = 25
°C)
ID(DC)
m82
A
Drain Current (pulse)
Note1
ID(pulse)
m246
A
Total Power Dissipation (TC = 25
°C)
PT1
150
W
Total Power Dissipation (TA = 25
°C)
PT2
1.8
W
Channel Temperature
Tch
175
°C
Storage Temperature
Tstg
−55 to +175
°C
Repetitive Avalanche Current
Note2
IAR
46
A
Repetitive Avalanche Energy
Note2
EAR
212
mJ
Notes 1. PW
≤ 10
μs, Duty Cycle ≤ 1%
2. Tch
≤ 150°C, VDD = −20 V, RG = 25 Ω, VGS = −20 → 0 V
THERMAL RESISTANCE
Channel to Case Thermal Resistance
Rth(ch-C)
1.0
°C/W
Channel to Ambient Thermal Resistance
Rth(ch-A)
83.3
°C/W
(TO-263)
<R>


유사한 부품 번호 - NP82P04PLF

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
NP82P04PLF RENESAS-NP82P04PLF Datasheet
374Kb / 9P
MOS FIELD EFFECT TRANSISTOR
2007
NP82P04PLF-E1-AY RENESAS-NP82P04PLF-E1-AY Datasheet
374Kb / 9P
MOS FIELD EFFECT TRANSISTOR
2007
NP82P04PLF-E2-AY RENESAS-NP82P04PLF-E2-AY Datasheet
374Kb / 9P
MOS FIELD EFFECT TRANSISTOR
2007
More results

유사한 설명 - NP82P04PLF

제조업체부품명데이터시트상세설명
logo
NEC
2SK3113B NEC-2SK3113B Datasheet
202Kb / 8P
MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
MOS FIELD EFFECT TRANSISTOR
NP83P06PDG NEC-NP83P06PDG Datasheet
190Kb / 7P
MOS FIELD EFFECT TRANSISTOR
NP100P04PDG NEC-NP100P04PDG Datasheet
190Kb / 7P
MOS FIELD EFFECT TRANSISTOR
logo
Guangdong Kexin Industr...
KPA1790 KEXIN-KPA1790 Datasheet
58Kb / 2P
MOS Field Effect Transistor
KPA2790GR KEXIN-KPA2790GR Datasheet
58Kb / 2P
MOS Field Effect Transistor
2SK3919 KEXIN-2SK3919 Datasheet
45Kb / 1P
MOS Field Effect Transistor
2SK3635 KEXIN-2SK3635 Datasheet
46Kb / 1P
MOS Field Effect Transistor
2SJ598 KEXIN-2SJ598 Datasheet
49Kb / 2P
MOS Field Effect Transistor
KPA1750 KEXIN-KPA1750 Datasheet
52Kb / 2P
MOS Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com