| 전자부품 데이터시트 검색엔진 |
|
TIP29A 데이터시트(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TIP29A 데이터시트(HTML) 1 Page - STMicroelectronics |
|
1 / 9 page ![]() July 2007 Rev 2 1/9 9 TIP29A TIP29C NPN power transistors Features ■ NPN transistors Applications ■ Audio, linear and switching applications Description The devices are manufactured in Planar technology with “Base Island” layout. The resulting transistor shows exceptional high gain performance coupled with very low saturation voltage. The PNP types are TIP30A and TIP30C. . Figure 1. Internal schematic diagram 1 2 3 TO-220 www.st.com Table 1. Device summary Order codes Marking Package Packaging TIP29A TIP29C TIP29A TIP29C TO-220 TO-220 Tube Tube |
유사한 부품 번호 - TIP29A |
|
유사한 설명 - TIP29A |