| 전자부품 데이터시트 검색엔진 |
|
93C66AXT-E/MS 데이터시트(PDF) 17 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
93C66AXT-E/MS 데이터시트(HTML) 17 Page - Microchip Technology |
|
17 / 28 page ![]() © 2005 Microchip Technology Inc. DS21795C-page 17 93AA66A/B/C, 93LC66A/B/C, 93C66A/B/C 8-Lead Plastic Dual In-line (P) – 300 mil (PDIP) B1 B A1 A L A2 p α E eB β c E1 n D 1 2 Units INCHES* MILLIMETERS Dimension Limits MIN NOM MAX MIN NOM MAX Number of Pins n 88 Pitch p .100 2.54 Top to Seating Plane A .140 .155 .170 3.56 3.94 4.32 Molded Package Thickness A2 .115 .130 .145 2.92 3.30 3.68 Base to Seating Plane A1 .015 0.38 Shoulder to Shoulder Width E .300 .313 .325 7.62 7.94 8.26 Molded Package Width E1 .240 .250 .260 6.10 6.35 6.60 Overall Length D .360 .373 .385 9.14 9.46 9.78 Tip to Seating Plane L .125 .130 .135 3.18 3.30 3.43 Lead Thickness c .008 .012 .015 0.20 0.29 0.38 Upper Lead Width B1 .045 .058 .070 1.14 1.46 1.78 Lower Lead Width B .014 .018 .022 0.36 0.46 0.56 Overall Row Spacing § eB .310 .370 .430 7.87 9.40 10.92 Mold Draft Angle Top α 510 15 5 10 15 Mold Draft Angle Bottom β 510 15 5 10 15 * Controlling Parameter Notes: Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed JEDEC Equivalent: MS-001 Drawing No. C04-018 .010” (0.254mm) per side. § Significant Characteristic |