| 전자부품 데이터시트 검색엔진 |
|
93C66AT-E/MS 데이터시트(PDF) 1 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
93C66AT-E/MS 데이터시트(HTML) 1 Page - Microchip Technology |
|
1 / 28 page ![]() © 2005 Microchip Technology Inc. DS21795C-page 1 93AA66A/B/C, 93LC66A/B/C, 93C66A/B/C Device Selection Table Features: • Low-power CMOS technology • ORG pin to select word size for ‘66C’ version • 512 x 8-bit organization ‘A’ ver. devices (no ORG) • 256 x 16-bit organization ‘B’ ver. devices (no ORG) • Self-timed erase/write cycles (including auto-erase) • Automatic ERAL before WRAL • Power-on/off data protection circuitry • Industry standard 3-wire serial I/O • Device Status signal (Ready/Busy) • Sequential read function • 1,000,000 E/W cycles • Data retention > 200 years • Temperature ranges supported: Pin Function Table Description: The Microchip Technology Inc. 93XX66A/B/C devices are 4K bit low-voltage serial Electrically Erasable PROMs (EEPROM). Word-selectable devices such as the 93AA66C, 93LC66C or 93C66C are dependent upon external logic levels driving the ORG pin to set word size. For dedicated 8-bit communication, the 93XX66A devices are available, while the 93XX66B devices provide dedicated 16-bit communication. Advanced CMOS technology makes these devices ideal for low-power, nonvolatile memory applications. The entire 93XX Series is available in standard packages including 8-lead PDIP and SOIC, and advanced packaging including 8-lead MSOP, 6-lead SOT-23, 8-lead 2x3 DFN and 8-lead TSSOP. Pb-free (Pure Matte Sn) finish is available. Part Number VCC Range ORG Pin Word Size Temp Ranges Packages 93AA66A 1.8-5.5 No 8-bit I P, SN, ST, MS, OT, MC 93AA66B 1.8-5-5 No 16-bit I P, SN, ST, MS, OT, MC 93LC66A 2.5-5.5 No 8-bit I, E P, SN, ST, MS, OT, MC 93LC66B 2.5-5.5 No 16-bit I, E P, SN, ST, MS, OT, MC 93C66A 4.5-5.5 No 8-bit I, E P, SN, ST, MS, OT, MC 93C66B 4.5-5.5 No 16-bit I, E P, SN, ST, MS, OT, MC 93AA66C 1.8-5.5 Yes 8 or 16-bit I P, SN, ST, MS, MC 93LC66C 2.5-5.5 Yes 8 or 16-bit I, E P, SN, ST, MS, MC 93C66C 4.5-5.5 Yes 8 or 16-bit I, E P, SN, ST, MS, MC - Industrial (I) -40°C to +85°C - Automotive (E) -40°C to +125°C Name Function CS Chip Select CLK Serial Data Clock DI Serial Data Input DO Serial Data Output VSS Ground NC No internal connection ORG Memory Configuration VCC Power Supply 4K Microwire Compatible Serial EEPROM |
유사한 부품 번호 - 93C66AT-E/MS |
|
유사한 설명 - 93C66AT-E/MS |