| 전자부품 데이터시트 검색엔진 |
|
GQM1555G2DR10WB01 데이터시트(PDF) 1 Page - Murata Manufacturing Co., Ltd |
|
|
|||||||||||||||||||||||||||||
GQM1555G2DR10WB01 데이터시트(HTML) 1 Page - Murata Manufacturing Co., Ltd |
|
1 / 32 page ![]() High Q and High Power Chip Multilayer Ceramic Capacitors (>100Vdc) for Consumer Electronics & Industrial Equipment Reference Sheet ■ Scope This specification is applied to High Q and High Power Chip Multilayer Ceramic Capacitors (>100Vdc). 1.Specific applications: ・Consumer Equipment: Products that can be used in consumer equipment such as home appliances, audio/visual equipment, communication equipment, information equipment, office equipment, and household robotics, and whose functions are not directly related to the protection of human life and property. ・Industrial Equipment: Products that can be used in industrial equipment such as base stations, manufacturing equipment, industrial robotics equipment, and measurement equipment, and whose functions do not directly relate to the protection of human life and property. ・Medial Equipment [GHTF A/B/C] except for Implant Equipment: Products suitable for use in medical devices designated under the GHTF international classifications as Class A or Class B (the functions of which are not directly involved in protection of human life or property) or in medical devices other than implants designated under the GHTF international classifications as Class C (the malfunctioning of which is considered to pose a comparatively high risk to the human body). ・Automotive Infotainment/Comfort Equipment: Products that can be used for automotive equipment such as car navigation systems and car audio systems that do not directly relate to human life and whose structure, equipment, and performance are not specifically required by law to meet technical standards for safety assurance or environmental protection. 2.Unsuitable Application: Applications listed in “Limitation of applications” in this specification. GQM1555G2DR10WB01-01A 1 |
유사한 부품 번호 - GQM1555G2DR10WB01 |
|
유사한 설명 - GQM1555G2DR10WB01 |