전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAX4525C/D 데이터시트(PDF) 2 Page - Maxim Integrated Products

부품명 MAX4525C/D
상세설명  Low-Voltage, Single-Supply Multiplexer and Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4525C/D 데이터시트(HTML) 2 Page - Maxim Integrated Products

  MAX4525C/D Datasheet HTML 1Page - Maxim Integrated Products MAX4525C/D Datasheet HTML 2Page - Maxim Integrated Products MAX4525C/D Datasheet HTML 3Page - Maxim Integrated Products MAX4525C/D Datasheet HTML 4Page - Maxim Integrated Products MAX4525C/D Datasheet HTML 5Page - Maxim Integrated Products MAX4525C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4525C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4525C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4525C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Low-Voltage, Single-Supply
Multiplexer and Switch
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—Single +5V Supply
(V+ = 4.5V to 5.5V, GND = 0V, VAH = 2.4V, VAL = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Notes 2, 7)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(Voltages Referenced to GND)
V+ ..............................................................................-0.3V, +13V
Voltage into any terminal (Note 1) ................-0.3V to (V+ + 0.3V)
Continuous Current into any Terminal ..............................±20mA
Peak Current, NO, NC or COM_
(pulsed at 1ms,10% duty cycle)....................................±40mA
ESD per Method 3015.7 ..................................................>2000V
Continuous Power Dissipation (TA = +70°C)
10-Pin µMAX (derate 4.1mW/°C above +70°C) ............330mW
10-Pin TDFN (derate 24.4mW/°C above +70°C) ........1951mW
Operating Temperature Ranges
MAX452_C_ _ ......................................................0°C to +70°C
MAX452_E_ _....................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
VA = VINH = 2.4V
V+ = 4.5V, ICOM = 1mA, VCOM = 3.5V
V+ = 5.5V; ICOM = 1mA;
VCOM = 1.5V, 2.5V, 3.5V
VA = VINH = 0.8V
CONDITIONS
µA
-1
+1
IIH
Input Current Low
90
150
V
V-
V+
VCOM,
VNO
Analog Signal Range
µA
-1
+1
IIH
Input Current High
210
∆RON
COM-NO/NC On-Resistance
Match Between Channels
(Note 3)
512
RFLAT
COM-NO/NC On-Resistance
Flatness (Note 4)
-1
+1
-2
+2
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
Note 1: Voltages exceeding V+ or GND on any signal terminal are clamped by internal diodes. Limit forward-diode current to max-
imum current rating.
V
0.8
1.5
VIL
Logic Input Logic
Threshold Low
V+ = 5.5V; VNO = 1V, 4.5V; VCOM = 4.5V, 1V
nA
-10
+10
INO(OFF),
INC(OFF),
NO/NC Off-Leakage
(Note 5)
+25°C
C, E
C, E
+25°C
+25°C
+25°C
+25°C
C, E
TEMP
C, E
C, E
V+ = 4.5V, ICOM = 1mA, VCOM = 3.5V
C, E
200
RON
COM-NO/NC On-Resistance
C, E
-50
+50
C, E
V+ = 5.5V; VNO = 1V, 4.5V;
VCOM = 4.5V, 1V
nA
-25
+25
ICOM(OFF)
COM Off-Leakage
(Note 5)
C, E
-1
+1
+25°C
MAX4524
MAX4525
MAX4524
MAX4525
-50
+50
C, E
V+ = 5.5V; VCOM = 4.5V, 1V
nA
-25
+25
ICOM(ON)
COM On-Leakage
(Note 5)
C, E
-1
+1
+25°C
-2
+2
+25°C
15
V
1.5
2.4
VIH
Logic Input Logic
Threshold High
C, E
ANALOG SWITCH
DIGITAL I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com