전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADBMS2950BCCSZ 데이터시트(PDF) 80 Page - Analog Devices

부품명 ADBMS2950BCCSZ
상세설명  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ 데이터시트(HTML) 80 Page - Analog Devices

Back Button ADBMS2950BCCSZ Datasheet HTML 76Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 77Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 78Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 79Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 80Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 81Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 82Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 83Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 84Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 97 page
background image
ADBMS2950B
Data Sheet
Rev. 0 | Page 80 of 97
Figure 63. Dual Series Sense Resistor Shunt, OC3 with Current Gain 2x
Figure 64 shows a shunt resistor with a center tap allowing to
sense a subsection of the shunt. The cutout of the center tap can
be adjusted for the channels I2 and OC2 to measure across half
the total resistance. The resistors seen at the (over-) current
channels are:
I1, OC1: Rsns
I2, OC2: ~0.5 × Rsns
OC3: Rsns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97