전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSPIC33FJ12MC01IP 데이터시트(PDF) 9 Page - Microchip Technology

부품명 DSPIC33FJ12MC01IP
상세설명  High-Performance, 16-Bit Digital Signal Controllers
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12MC01IP 데이터시트(HTML) 9 Page - Microchip Technology

Back Button DSPIC33FJ12MC01IP Datasheet HTML 5Page - Microchip Technology DSPIC33FJ12MC01IP Datasheet HTML 6Page - Microchip Technology DSPIC33FJ12MC01IP Datasheet HTML 7Page - Microchip Technology DSPIC33FJ12MC01IP Datasheet HTML 8Page - Microchip Technology DSPIC33FJ12MC01IP Datasheet HTML 9Page - Microchip Technology DSPIC33FJ12MC01IP Datasheet HTML 10Page - Microchip Technology DSPIC33FJ12MC01IP Datasheet HTML 11Page - Microchip Technology DSPIC33FJ12MC01IP Datasheet HTML 12Page - Microchip Technology DSPIC33FJ12MC01IP Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 284 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS70265B-page 7
dsPIC33FJ12MC201/202
1.0
DEVICE OVERVIEW
This document contains device specific information for
the dsPIC33FJ12MC201/202 Digital Signal Controller
(DSC) Devices. The dsPIC33F devices contain
extensive Digital Signal Processor (DSP) functionality
with a high performance 16-bit microcontroller (MCU)
architecture.
Figure 1-1 shows a general block diagram of the core
and peripheral modules in the dsPIC33FJ12MC201/
202 family of devices. Table 1-1 lists the functions of
the various pins shown in the pinout diagrams.
Note:
This data sheet summarizes the features
of the dsPIC33FJ12MC201/202 devices.
It is not intended to be a comprehensive
reference source. To complement the
information in this data sheet, refer to the
“dsPIC33F Family Reference Manual”.
Please see the Microchip web site
(www.microchip.com)
for
the
latest
dsPIC33F Family Reference Manual
chapters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More