| 전자부품 데이터시트 검색엔진 |
|
TDA9610 데이터시트(PDF) 25 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TDA9610 데이터시트(HTML) 25 Page - NXP Semiconductors |
|
25 / 41 page ![]() 1995 Mar 21 25 Philips Semiconductors Product specification Audio FM processor for VHS hi-fi audio TDA9610H Fig.8 VU meter output voltage at DCOUTL and DCOUTR (pins 31 and 32) as a function of audio signal level. 5 2 3 0 1 4 MKA364 58 38 18 22 2 V (dBV) o Vo (V) DCOUTL/R = 2.86 x audio level Fig.9 Modulator output voltage at MODOUT (pin 30) as a function of line output signal level at LINEL and LINER (pins 27 and 28). 0 15 10 20 5 MKA365 58 38 18 22 2 V (dBV) o Vo (dBV) Fig.10 Sample-and-hold timing waveforms. MKA366 - 1 time time track hold sample-and- hold CONTROL HID INPUT t t d h 10 3 0 MKA367 10 2 10 1 10 1 5 1 2 3 4 Vo (V) V (mV) iHF Fig.11 Level detector output voltage at ENVOUT (pin 11) as a function of the limiter input voltage level (RMS value) at FMINL (pin 61). |