| 전자부품 데이터시트 검색엔진 |
|
TDA9614H 데이터시트(PDF) 47 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TDA9614H 데이터시트(HTML) 47 Page - NXP Semiconductors |
|
47 / 60 page ![]() 1995 Mar 21 47 Philips Semiconductors Preliminary specification Audio processor for VHS hi-fi and linear audio TDA9614H RECEQ 31 Linear audio recording amplifier negative feedback input for connecting a record equalization network. LINREC 32 Digital output controlled by I2C-bit RN; can be used to drive an external (high voltage) head switch and possibly the bias oscillator. RECOUT 33 Linear audio recording amplifier output. SYMBOL PIN EQUIVALENT CIRCUIT DESCRIPTION MLD036 1.75 k Ω 3.8 k Ω 33 31 275 Ω 32 MLD037 MLD038 1.6 k Ω 4.8 k Ω 33 31 100 Ω |