| 전자부품 데이터시트 검색엔진 |
|
93LC465B-I/MS 데이터시트(PDF) 1 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
93LC465B-I/MS 데이터시트(HTML) 1 Page - Microchip Technology |
|
1 / 38 page ![]() © 2007 Microchip Technology Inc. DS21929D-page 1 93AA46A/B/C, 93LC46A/B/C, 93C46A/B/C 93AA56A/B/C, 93LC56A/B/C, 93C56A/B/C 93AA66A/B/C, 93LC66A/B/C, 93C66A/B/C 93AA76A/B/C, 93LC76A/B/C, 93C76A/B/C 93AA86A/B/C, 93LC86A/B/C, 93C86A/B/C Features: • Densities from 1 Kbits through 16 Kbits • Low-power CMOS technology • Available with or without ORG function: With ORG function: - ORG pin at Logic Low: 8-bit word - ORG pin at Logic High: 16-bit word Without ORG function: - ‘A’ version: 8-bit word - ‘B’ version: 16-bit word • Program Enable pin: - Write-protect for entire array (93XX76C and 93XX86C only) • Self-timed Erase/Write cycles (including auto-erase) • Automatic ERAL before WRAL • Power-on/off data protection circuitry • Industry standard 3-wire serial I/O • Device Status signal (Ready/Busy) • Sequential Read function • 1,000,000 E/W cycles • Data retention > 200 years • Pb-free and RoHS compliant • Temperature ranges supported: Pin Function Table Description: Microchip Technology Inc. supports the 3-wire Microwire bus with low-voltage serial Electrically Erasable PROMs (EEPROM) that range in density from 1 Kbits up to 16 Kbits. Each density is available with and without the ORG functionality, and selected by the part number ordered. Advanced CMOS technol- ogy makes these devices ideal for low-power, nonvol- atile memory applications. The entire series of Microwire devices are available in the standard 8-lead PDIP and SOIC packages, as well as the more advanced packaging such as the 8-lead MSOP, 8-lead TSSOP, 6-lead SOT-23, and 8-lead DFN (2x3). All packages are Pb-free. Pin Diagrams (not to scale) - Industrial (I) -40°C to +85°C - Automotive (E) -40°C to +125°C Name Function CS Chip Select CLK Serial Data Clock DI Serial Data Input DO Serial Data Output VSS Ground PE Program Enable ORG Memory Configuration VCC Power Supply Note: ORG and PE functionality not available in all products. See Table 1-1, Device Selection Table. PDIP/SOIC (P, SN) CS CLK DI DO 1 2 3 4 8 7 6 5 VCC NC ORG VSS ROTATED SOIC (ex: 93LC46BX) TSSOP/MSOP CS CLK DI DO 1 2 3 4 8 7 6 5 VCC PE(2,3) ORG(1,3) VSS (ST, MS) SOT-23 DO VSS DI 1 2 3 6 5 4 VCC CS CLK (OT) Note 1: ORG pin: Only on 93XX46C/56C/66C/76C/86C. 2: PE pin: Only on 93XX76C/86C. 3: ORG/PE: No internal connections on 93XXA/B. DI DO VSS ORG 1 2 3 4 8 7 6 5 CLK CS VCC PE (1,3) (1,3) (2,3) DFN (MC) 1 2 3 4 5 6 7 8 CS CLK DI DO VCC PE(2,3) ORG(1,3) VSS 1K-16K Microwire Compatible Serial EEPROMs |
유사한 부품 번호 - 93LC465B-I/MS |
|
유사한 설명 - 93LC465B-I/MS |