전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EM78P311SXS/XJ 데이터시트(PDF) 56 Page - ELAN Microelectronics Corp

부품명 EM78P311SXS/XJ
상세설명  8-BIT Microcontroller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EMC [ELAN Microelectronics Corp]
홈페이지  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P311SXS/XJ 데이터시트(HTML) 56 Page - ELAN Microelectronics Corp

Back Button EM78P311SXS/XJ Datasheet HTML 52Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 53Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 54Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 55Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 56Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 57Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 58Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 59Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 60Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 68 page
background image
EM78P311N
8-Bit Microcontroller
52
•
Product Specification (V1.0) 10.02.2006
(This specification is subject to change without further notice)
740
4
4.7
K
10
K
XTAL
740
4
C1
Vdd
10
K
C2
OSCI
EM78P809N
Fig. 5-32 Crystal/Resonator-Parallel Mode Circuit
5.16.3 External RC Oscillator Mode
For applications that do not need very precise timing calculation, the RC oscillator
offers a lot of cost savings. Nevertheless, it should be noted that the frequency of the
RC oscillator is influenced by the supply voltage, the values of the resistor (Rext), the
capacitor (Cext), and even by the operation temperature. Moreover, the frequency
also varies slightly from one chip to another due to the manufacturing process variation.
In order to maintain a stable system frequency, the values of the Cext should not be
less than 20pF, and the value of Rext should not be greater than 1 MΩ, otherwise, the
frequency is easily affected by noise, humidity, and leakage.
The smaller the Rext in the RC oscillator, the faster its frequency will be. On the
contrary, for very low Rext values, for instance, 1 K
Ω, the oscillator becomes unstable
because the NMOS cannot correctly discharge the current of the capacitance.
Hence, it must be noted that the supply voltage, the operation temperature, the RC
oscillator components, the package types, and the PCB layout, will affect the system
frequency.
OSCI
EM78P809N
Vdd
Rext
Cext
Fig. 5-33 External RC Oscillator Mode Circuit
EM78P311N
EM78P311N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com