전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8599 데이터시트(PDF) 30 Page - Analog Devices

부품명 AD8599
상세설명  30 V, Low Noise, Rail-to-Rail Input/Output, Low Power Operational Amplifiers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8599 데이터시트(HTML) 30 Page - Analog Devices

Back Button AD8599 Datasheet HTML 26Page - Analog Devices AD8599 Datasheet HTML 27Page - Analog Devices AD8599 Datasheet HTML 28Page - Analog Devices AD8599 Datasheet HTML 29Page - Analog Devices AD8599 Datasheet HTML 30Page - Analog Devices AD8599 Datasheet HTML 31Page - Analog Devices AD8599 Datasheet HTML 32Page - Analog Devices AD8599 Datasheet HTML 33Page - Analog Devices AD8599 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
ADA4084-1/ADA4084-2/ADA4084-4
Data Sheet
Rev. I | Page 30 of 36
START-UP CHARACTERISTICS
The ADA4084-1/ADA4084-2/ADA4084-4 are specified to operate
from 3 V to 30 V (±1.5 V to ±15 V) under nominal power
supplies. During power-up as the supply voltage increases from
0 V to the nominal power supply voltage, the supply current (ISY)
increases as well, to the point at which it stabilizes and the amplifier
is ready to operate. The stabilization varies with temperature, as
shown in Figure 103. For example, at −40°C, it requires a higher
voltage and stabilizes at a lower supply current than at hot
temperatures. At hot temperatures, it requires a lower voltage but
stabilizes at a higher current. In all cases, the ADA4084-1/
ADA4084-2/ADA4084-4 are specified to start up and operate at
a minimum of 3 V under all temperature conditions.
INPUT PROTECTION
As with any semiconductor device, if conditions exist where the
applied input voltages to the device exceed either supply voltage,
the input overvoltage I-to-V characteristic of the device must be
considered. When an overvoltage occurs, the amplifier may be
damaged, depending on the magnitude of the applied voltage
and the magnitude of the fault current.
The D1, D2, D4, and D5 diodes conduct when the input common-
mode voltage exceeds either supply pin by a diode drop. This
diode drop voltage varies with temperature and is in the range
of 0.3 V to 0.8 V. As shown in the simplified equivalent input
circuit of Figure 106, the ADA4084-1/ADA4084-2/ADA4084-4
do not have any internal current limiting resistors; thus, fault
currents can quickly rise to damaging levels.
This input current is not inherently damaging to the device,
provided that it is limited to 5 mA or less. If a fault condition
causes more than 5 mA to flow, add an external series resistor at
the expense of additional thermal noise. Figure 108 shows a
typical noninverting configuration for an overvoltage protected
amplifier, where the series resistance (R1) is chosen, such that
(
)
mA
5
SUPPLY
MAX
IN
V
V
R1
−
=
For example, a 1 kΩ resistor protects the ADA4084-1/ADA4084-2/
ADA4084-4 against input signals up to 5 V above and below the
supplies. Note that the thermal noise of a 1 kΩ resistor at room
temperature is 4 nV/√Hz, which exceeds the voltage noise of the
ADA4084-1/ADA4084-2/ADA4084-4. For other configurations
in which both inputs are used, add a series resistor to limit the
input current. To ensure optimum dc and ac performance,
balance the source impedance levels.
R1
R2
VIN
VOUT
1/2
ADA4084-1/
ADA4084-2/
ADA4084-4
Figure 108. Resistance in Series with the Input
Limits Overvoltage Currents to Safe Values
To protect the Q1/Q2 and Q3/Q4 pairs from large differential
voltages that may result in Zener breakdown of the emitter-base
junction, D100 and D101 are connected between the two inputs.
This precludes operation as a comparator. For a more complete
description, see the MT-035 Tutorial, Op Amp Inputs, Outputs,
Single-Supply, and Rail-to-Rail Issues; the MT-083 Tutorial,
Comparators; the MT-084 Tutorial, Using Op Amps as
Comparators; and the AN-849 Application Note, Using Op
Amps as Comparators.
OUTPUT PHASE REVERSAL
Some operational amplifiers designed for single-supply operation
exhibit an output voltage phase reversal when their inputs are
driven beyond their useful common-mode range. Typically, for
single-supply bipolar op amps, the negative supply determines
the lower limit of their common-mode range. With these devices,
external clamping diodes, with the anode connected to ground
and the cathode to the inputs, prevent input signal excursions
from exceeding the negative supply of the device (that is, GND),
preventing a condition that causes the output voltage to change
phase. JFET input amplifiers can also exhibit phase reversal, and, if
so, a series input resistor is usually required to prevent it.
The ADA4084-1/ADA4084-2/ADA4084-4 are free from
reasonable input voltage range restrictions, provided that input
voltages no greater than the supply voltages are applied (see
Figure 38, Figure 69, and Figure 100).
Although device output does not change phase, large currents can
flow through the input protection diodes. Therefore, apply the
technique recommended in the Input Protection section to
those applications where the likelihood of input voltages
exceeding the supply voltages is high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com