전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

12864-12-FC-R-ST-ELP 데이터시트(PDF) 22 Page - List of Unclassifed Manufacturers

부품명 12864-12-FC-R-ST-ELP
상세설명  128 x 64 Dot STN Graphic LCD Assembly With T-6963C Graphics Controller LED / EL Panel Backlight
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

12864-12-FC-R-ST-ELP 데이터시트(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button 12864-12-FC-R-ST-ELP Datasheet HTML 18Page - List of Unclassifed Manufacturers 12864-12-FC-R-ST-ELP Datasheet HTML 19Page - List of Unclassifed Manufacturers 12864-12-FC-R-ST-ELP Datasheet HTML 20Page - List of Unclassifed Manufacturers 12864-12-FC-R-ST-ELP Datasheet HTML 21Page - List of Unclassifed Manufacturers 12864-12-FC-R-ST-ELP Datasheet HTML 22Page - List of Unclassifed Manufacturers 12864-12-FC-R-ST-ELP Datasheet HTML 23Page - List of Unclassifed Manufacturers 12864-12-FC-R-ST-ELP Datasheet HTML 24Page - List of Unclassifed Manufacturers 12864-12-FC-R-ST-ELP Datasheet HTML 25Page - List of Unclassifed Manufacturers 12864-12-FC-R-ST-ELP Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY MODULE
MODEL NO: 12864-12
PACIFIC DISPLAY DEVICES
07.21.2006
22
● Screen Peek
Code
Hex
Function
Operand
11100000
E0H
Screen Peek
---
This command is used to transfer displayed 1 byte data to data stack, and this 1 byte data can be read from MPU by
data access. The logical combination data of text and graphic display on LCD screen can be read by this command.
The status (STA6) should be checked just after "Screen peek" command. If the address determined by "Address
pointer Set" command is not in graphic area, this command ignored and status flag (STA6) is set. Please refer following flow
chart.
SCREEN PEEK START
END
STATUS CHECK 1
LOWER ADDRESS DATA
STATUS CHECK 1
UPPER ADDRESS DATA
STATUS CHECK 1
ADDRESS POINTER SET 24H
STATUS CHECK 1
SCREEN PEEK E0H
STATUS CHECK STA6=0?
DATA ACCESS
STATUS CHECK 1
YES
NO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31