| 전자부품 데이터시트 검색엔진 |
|
93LC66A-E/ST 데이터시트(PDF) 14 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
93LC66A-E/ST 데이터시트(HTML) 14 Page - Microchip Technology |
|
14 / 38 page ![]() 93XX46X/56X/66X/76X/86X DS21929D-page 14 © 2007 Microchip Technology Inc. 3.7 READ The READ instruction outputs the serial data of the addressed memory location on the DO pin. A dummy zero bit precedes the 8-bit (If ORG pin is low or A-version devices) or 16-bit (If ORG pin is high or B-version devices) output string. The output data bits will toggle on the rising edge of the CLK and are stable after the spec- ified time delay (TPD). Sequential read is possible when CS is held high. The memory data will automatically cycle to the next register and output sequentially. FIGURE 3-7: READ TIMING CS CLK DI DO 11 0 An ••• A0 High-Z 0 Dx ••• D0 Dx ••• D0 ••• Dx D0 |