전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74LS669 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 SN74LS669
상세설명  SYNCHRONOUS 4-BIT UP/DOWN COUNTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SN74LS669 데이터시트(HTML) 3 Page - ON Semiconductor

  SN74LS669 Datasheet HTML 1Page - ON Semiconductor SN74LS669 Datasheet HTML 2Page - ON Semiconductor SN74LS669 Datasheet HTML 3Page - ON Semiconductor SN74LS669 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SN74LS669
http://onsemi.com
3
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Symbol
Parameter
Limits
Unit
Test Conditions
Min
Typ
Max
VIH
Input HIGH Voltage
2.0
V
Guaranteed Input HIGH Voltage for
All Inputs
VIL
Input LOW Voltage
54
0.7
V
Guaranteed Input LOW Voltage for
All Inputs
74
0.8
VIK
Input Clamp Diode Voltage
−0.65
−1.5
V
VCC = MIN, IIN = −18 mA
VOH
Output HIGH Voltage
54
2.5
3.5
V
VCC = MIN, IOH = MAX, VIN = VIH
or VIL per Truth Table
74
2.7
3.5
V
VOL
Output LOW Voltage
54, 74
0.25
0.4
V
IOL = 4.0 mA
VCC = VCC MIN,
VIN = VIL or VIH
per Truth Table
74
0.35
0.5
V
IOL = 8.0 mA
IIH
Input HIGH Current
Others
20
μA
VCC = MAX, VIN = 2.7 V
Enable T
40
μA
Others
0.1
mA
VCC = MAX, VIN = 7.0 V
Enable T
0.2
mA
IIL
Input LOW Current
Others
−0.4
mA
VCC = MAX, VIN = 0.4 V
Enable T
−0.8
mA
IOS
Short Circuit Current (Note 1)
−20
−100
mA
VCC = MAX
ICC
Power Supply Current
34
mA
VCC = MAX
Note 1: Not more than one output should be shorted at a time, nor for more than 1 second.
AC CHARACTERISTICS (TA = 25°C, VCC = 5.0 V)
Symbol
Parameter
Limits
Unit
Test Conditions
Min
Typ
Max
fMAX
Maximum Clock Frequency
25
32
MHz
CL = 15 pF
tPLH
tPHL
Propagation Delay,
Clock to RCO
26
40
40
60
ns
tPLH
tPHL
Propagation Delay,
Clock to Any Q
18
18
27
27
ns
tPLH
tPHL
Enable to RCO
11
29
17
45
ns
tPLH
tPHL
U/D to RCO
22
26
35
40
ns
AC SETUP REQUIREMENTS (TA = 25°C)
Symbol
Parameter
Limits
Unit
Test Conditions
Min
Typ
Max
tW
Clock Pulse Width
20
ns
VCC = 5.0 V
ts
Data Setup Time
20
ns
ts
Enable Setup Time
35
ns
ts
Load Setup Time
25
ns
ts
U/D Setup Time
30
ns
th
Hold Time, Any Input
0
ns



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com