전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KBDELSS2.D1 데이터시트(PDF) 11 Page - OSRAM GmbH

부품명 KBDELSS2.D1
상세설명  The TOPLED E1608 expands ams OSRAM’ low power portfolio by offering one of the smallest LED Industry standard footprints in a highly reliable and well proved package concept.
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KBDELSS2.D1 데이터시트(HTML) 11 Page - OSRAM GmbH

Back Button KBDELSS2.D1 Datasheet HTML 7Page - OSRAM GmbH KBDELSS2.D1 Datasheet HTML 8Page - OSRAM GmbH KBDELSS2.D1 Datasheet HTML 9Page - OSRAM GmbH KBDELSS2.D1 Datasheet HTML 10Page - OSRAM GmbH KBDELSS2.D1 Datasheet HTML 11Page - OSRAM GmbH KBDELSS2.D1 Datasheet HTML 12Page - OSRAM GmbH KBDELSS2.D1 Datasheet HTML 13Page - OSRAM GmbH KBDELSS2.D1 Datasheet HTML 14Page - OSRAM GmbH KBDELSS2.D1 Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
KB DELSS2.D1
DATASHEET
DATASHEET
11 | Version 1.5 | 2024-06-19
Forward current 7)
I
F = f(VF); TS = 25 °C
KB DELSS2.D1
2.52.6
2.83.0
3.2
VF /V
1
2
4
6
8
10
12
14
16
18
20
IF /mA
Relative Luminous Intensity 7), 8)
I
v/Iv(20 mA) = f(IF); TS = 25 °C
KB DELSS2.D1
IF /mA
0.0
0.2
0.4
0.6
0.8
1.0
IV
IV(20mA)
Chromaticity Coordinate Shift 7)
ΔCx, ΔCy = f(I
F); TS = 25 °C
KB DELSS2.D1
IF /mA
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
∆Cx
∆Cy
Blue
: ∆ Cx
: ∆ Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com