전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LAG6SP.02 데이터시트(PDF) 2 Page - OSRAM GmbH

부품명 LAG6SP.02
상세설명  The Advanced Power TOPLED.02 (APT.02) features ams OSRAM’s state-of-the-art generation of PLCC 6 packages, which have set a market standard in the mid power LED world and were decades ago the first of its kind.
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LAG6SP.02 데이터시트(HTML) 2 Page - OSRAM GmbH

  LAG6SP.02 Datasheet HTML 1Page - OSRAM GmbH LAG6SP.02 Datasheet HTML 2Page - OSRAM GmbH LAG6SP.02 Datasheet HTML 3Page - OSRAM GmbH LAG6SP.02 Datasheet HTML 4Page - OSRAM GmbH LAG6SP.02 Datasheet HTML 5Page - OSRAM GmbH LAG6SP.02 Datasheet HTML 6Page - OSRAM GmbH LAG6SP.02 Datasheet HTML 7Page - OSRAM GmbH LAG6SP.02 Datasheet HTML 8Page - OSRAM GmbH LAG6SP.02 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LA G6SP.02
DATASHEET
DATASHEET
2 | Version 1.1 | 2024-03-19
Advanced Power TOPLED®
LA G6SP.02
The Advanced Power TOPLED.02 (APT.02) features ams
OSRAM’s state-of-the-art generation of PLCC 6 packages,
which have set a market standard in the mid power LED world
and were decades ago the first of its kind. With its very robust
design, the APT.02 family can withstand harsh environmental
conditions and offers the highest level of processability. Con-
taining our latest InGaAlP-chip technology the APT.02 keeps its
market leading brightness performance and offers a wide range
of available bins with a high luminous efficiency and an excel-
lent thermal resistance.
Applications
- Static Signaling
Features
- Package: white SMT package, colorless clear silicone resin
- Chip technology: Thinfilm
- Typ. Radiation: 120° (Lambertian emitter)
- Color: λ
dom = 617 nm (● amber)
- Corrosion Robustness Class: 3B
- Qualifications: AEC-Q102 Qualified with RV-level 1
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com