| 전자부품 데이터시트 검색엔진 |
|
RKD751KP 데이터시트(PDF) 4 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RKD751KP 데이터시트(HTML) 4 Page - Renesas Technology Corp |
|
4 / 5 page ![]() RKD751KP Rev.2.00 Feb 22, 2007 page 4 of 4 Package Dimensions Min Nom Max b 0.25 0.27 D 0.29 0.32 E 0.59 0.62 0.65 L 0.17 0.19 0.21 0.35 0.29 A 0.27 0.30 0.33 Dimension in Millimeters Reference Symbol 0.00015g MASS[Typ.] MP6V PXSN0002ZB-A RENESAS Code JEITA Package Code Previous Code Package Name MP6 D b E L L A b1 0.31 e1 0.38 l1 0.23 Pattern of terminal position areas e1 b1 l1 l1 |