전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8682 데이터시트(PDF) 11 Page - Analog Devices

부품명 AD8682
상세설명  Low Power JFET-Input Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8682 데이터시트(HTML) 11 Page - Analog Devices

Back Button AD8682 Datasheet HTML 7Page - Analog Devices AD8682 Datasheet HTML 8Page - Analog Devices AD8682 Datasheet HTML 9Page - Analog Devices AD8682 Datasheet HTML 10Page - Analog Devices AD8682 Datasheet HTML 11Page - Analog Devices AD8682 Datasheet HTML 12Page - Analog Devices AD8682 Datasheet HTML 13Page - Analog Devices AD8682 Datasheet HTML 14Page - Analog Devices AD8682 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADA4062-2/ADA4062-4
Rev. B | Page 11 of 20
VSY = ±5V
VIN = 4V p-p
AV = +1
RL = 10kΩ
CL = 100pF
TIME (4µs/DIV)
Figure 35. Large-Signal Transient Response
TIME (10µs/DIV)
VSY = ±5V
VIN = 100mV p-p
AV = +1
RL = 10kΩ
CL = 100pF
Figure 36. Small-Signal Transient Response
–6
–4
–2
0
0
4
2
INPUT
OUTPUT
VSY = ±5V
AV =–10
TIME (2µs/DIV)
Figure 37. Negative Overload Recovery
VSY = ±15V
VIN = 20V p-p
AV = +1
RL = 10kΩ
CL = 100pF
TIME (10µs/DIV)
Figure 38. Large-Signal Transient Response
TIME (10µs/DIV)
VSY = ±15V
VIN = 100mV p-p
AV = +1
RL = 10kΩ
CL = 100pF
Figure 39. Small-Signal Transient Response
0
2
4
–20
–15
–10
–5
0
INPUT
OUTPUT
TIME (2µs/DIV)
VSY = ±15V
AV =–10
Figure 40. Negative Overload Recovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com