| 전자부품 데이터시트 검색엔진 |
|
ADA4851-4WYRUZ-R7 데이터시트(PDF) 14 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADA4851-4WYRUZ-R7 데이터시트(HTML) 14 Page - Analog Devices |
|
14 / 24 page ![]() ADA4851-1/ADA4851-2/ADA4851-4 Rev. J | Page 14 of 24 –1.5 –1.0 –0.5 0 0.5 1.0 1.5 0 0.5 1.0 1.5 2.0 2.5 3.0 TIME (ns) 50 0 100 150 200 VS = +5V VS = ±5V G = +1 RL = 150Ω Figure 24. Large-Signal Transient Response for Various Supplies 0 0.1 0.2 0.3 0.4 0.5 0 5 10 15 20 25 30 35 LOAD CURRENT (mA) +VS – VOUT VS = +3V VS = ±5V –VS – VOUT Figure 25. Output Saturation Voltage vs. Load Current 0 200 400 300 100 600 500 0 1 2 3 456 7 8 9 OUTPUT VOLTAGE STEP (V p-p) G = +2 VS = ±5V RL = 1kΩ 25% TO 75% OF VOUT 10 POSITIVE SLEW RATE NEGATIVE SLEW RATE Figure 26. Slew Rate vs. Output Voltage Step –1 0 1 2 3 4 5 6 030 15 45 TIME (µs) G = +2 VS = 5V fIN = 400kHz VOUT VPOWER DOWN Figure 27. ADA4851-1, Power-Up/Power-Down Time 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 –5 –4 –3 –2 –1 0 1 2 3 4 5 POWER DOWN VOLTAGE (V) VS = ±5V VS = +5V VS = +3V Figure 28. ADA4851-1, Supply Current vs. POWER DOWN Pin Voltage TEMPERATURE ( °C) –40 –25 –10 5 20 35 50 65 80 95 110 125 –400 –300 –200 –100 0 100 200 300 VS = ±5V VS = +5V VS = +3V Figure 29. Input Offset Voltage vs. Temperature for Various Supplies |