전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KWCELMM1.TG 데이터시트(PDF) 21 Page - OSRAM GmbH

부품명 KWCELMM1.TG
상세설명  OSLON Boost HM utilizes the high current capability of the latest chip generation in a special package for good thermal behaviour.
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KWCELMM1.TG 데이터시트(HTML) 21 Page - OSRAM GmbH

Back Button KWCELMM1.TG Datasheet HTML 17Page - OSRAM GmbH KWCELMM1.TG Datasheet HTML 18Page - OSRAM GmbH KWCELMM1.TG Datasheet HTML 19Page - OSRAM GmbH KWCELMM1.TG Datasheet HTML 20Page - OSRAM GmbH KWCELMM1.TG Datasheet HTML 21Page - OSRAM GmbH KWCELMM1.TG Datasheet HTML 22Page - OSRAM GmbH KWCELMM1.TG Datasheet HTML 23Page - OSRAM GmbH KWCELMM1.TG Datasheet HTML 24Page - OSRAM GmbH KWCELMM1.TG Datasheet HTML 25Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
KW CELMM1.TG
DATASHEET
DATASHEET
21 | Version 1.3 | 2024-02-08
Notes
The evaluation of eye safety occurs according to the standard IEC 62471:2006 (photo biological safety of
lamps and lamp systems). Within the risk grouping system of this IEC standard, the device specified in this
data sheet fall into the class moderate risk (exposure time 0.25 s). Under real circumstances (for exposure
time, conditions of the eye pupils, observation distance), it is assumed that no endangerment to the eye ex-
ists from these devices. As a matter of principle, however, it should be mentioned that intense light sources
have a high secondary exposure potential due to their blinding effect. When looking at bright light sources
(e.g. headlights), temporary reduction in visual acuity and afterimages can occur, leading to irritation, annoy-
ance, visual impairment, and even accidents, depending on the situation.
Subcomponents of this device contain, in addition to other substances, metal filled materials. Metal filled
materials can be affected by environments that contain traces of aggressive substances. Therefore, we
recommend that customers avoid device exposure to aggressive substances during storage, production,
and use.
For further application related information please visit https://ams-osram.com/support/application-notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25